Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5603 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5603
Description  High Efficiency Charge Pump Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5603 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5603 Datasheet HTML 2Page - ON Semiconductor NCP5603 Datasheet HTML 3Page - ON Semiconductor NCP5603 Datasheet HTML 4Page - ON Semiconductor NCP5603 Datasheet HTML 5Page - ON Semiconductor NCP5603 Datasheet HTML 6Page - ON Semiconductor NCP5603 Datasheet HTML 7Page - ON Semiconductor NCP5603 Datasheet HTML 8Page - ON Semiconductor NCP5603 Datasheet HTML 9Page - ON Semiconductor NCP5603 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP5603
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS @ 2.85 V < Vbat < 5.5 V (−40
°C to +85°C ambient temperature, unless otherwise noted).
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Power Supply
3
Vbat
2.85
5.5
V
Quiescent Current @ Vbat = 3.7 V, Iout = 0 mA
@ Pulsed Clock Fop = 262 kHz
@ Pulsed Clock Fop = 650 kHz
@ Continuous Clock Fop = 262 kHz
@ Continuous Clock Fop = 650 kHz
3
Iqsc
1.0
2.1
0.8
1.2
mA
Shutdown Current @ Iout = 0 mA, EN/PWM = L
@ 2.85 < Vbat < 4.2 V
@ Vbat = 5.5 V
3
Istdb
2.5
4.0
mA
Output Voltage Regulation
@ Vsel = 1, 2.85 V < Vbat < 4.5 V
@ Vsel = 0, 2.85 V < Vbat < 4.5 V
3
Vout
4.75
4.275
5.0
4.5
5.25
4.725
V
Continuous DC Load Current (Note 7)
Cin = 1.0
mF, CFLY = 1.0 mF, Cout = 1.0 mF
@ Vsel = 1, 3.2 V < Vbat < 4.5 V
@ Vsel = 0, 3.2 V < Vbat < 5.5 V
@ Vsel = 1, 2.85 V < Vbat < 4.5 V
@ Vsel = 0, 2.85 V < Vbat < 5.5 V
3
Iout
160
200
80
120
mA
Pulsed Output Current
Cin = 10
mF, CFLY = 1.0 mF, Cout = 10 mF, Vbat = 3.6 V
Pwidth = 500 ms, −40
°C < TA < +65°C
3
IFLH
350
mA
Output Continuous Short Circuit Current, Vout = 0 V
3
Isch
40
100
mA
Operating Frequency (Note 5)
@ Fsel = 0, 2.85 V < Vbat < 4.5 V
@ Fsel = 1, 2.85 V < Vbat < 4.5 V
Fop
210
500
262
650
320
1000
kHz
Output Voltage Ripple (Note 6)
Fop = 262 kHz, Iout = 60 mA (Note 7)
@ Cout = 1.0 mF
@ Cout = 4.7 mF
3
VPP
150
25
60
mV
Digital Input High Level
4, 5, 6
VIH
1.3
V
Digital Input Low level
4, 5, 6
VIL
0.4
V
Output Power Efficiency
@ Vbat = 3.3 V, Vout = 5.0 V, Iout = 60 mA, Fop = 262 kHz
@ Vbat = 3.9 V, Vout = 5.0 V, Iout = 160 mA, Fop = 650 kHz
P
h
75
84
%
Thermal Shut Down Protection
Hysteresis
THSD
160
20
°C
5. Temperature range guaranteed by design, not production tested.
6. Smaller footprint associated to lower working voltages (10 V or 6.3 V, size 0805 or 0602) can be used, but care must be observed to prevent
DC bias effect on the capacitance final value. See capacitor manufacturer data sheets.
7. Ceramic X7R, ESR < 100 m
W, SMD type capacitors are mandatory to achieve the Iout specifications. Depending upon the PCB layout, it
might be necessary to use two 2.2
mF/6.3 V/ceramic capacitors in parallel, yielding an improved Vout noise over the temperature range. On
the other hand, care must be observed to take into account the DC bias impact on the capacitance value. See ceramic capacitor manufacturer
data sheets.
8. Digital inputs undershoot < − 0.30 V to ground, Digital inputs overshoot < 0.30 V to Vbat.


Similar Part No. - NCP5603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP5603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com