Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5608MTR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5608MTR2G
Description  Multiple LED Charge Pump Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5608MTR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5608MTR2G Datasheet HTML 6Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 7Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 8Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 9Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 10Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 11Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 12Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 13Page - ON Semiconductor NCP5608MTR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP5608
http://onsemi.com
10
OUTPUT LED PROGRAMMING SEQUENCE
Once the maximum output current has been set up by the
external resistor (see Load Current Calculation paragraph
above), the I2C protocol can be used to dynamically adjust
the brightness of the selected block.
At this point, the dimming of each block depends upon
the content of the appropriate register (PWRLD_BK[4..0]
or
PWRLED_FL[6..0]).
The
LED current can be
calculated according to the digital value stored into the
registers.
The LED can be programmed in four steps:
1. Define the maximum ILEDBK−MAX and
ILEDFL−MAX currents requested by the Back
Light and Flash applications (set by external
resistors). This is the maximum current that will
be reached when the registers will be at their
respective full range (PWRLD_BK[4..0] = $1F =
31 Decimal, PWRLED_FL[6..0] = $7F= 127
decimal).
2. Calculate the reference current (Irefbk and Ireffl ):
Irefbk = ILED−BK/1200 and
Ireffl = ILED−FL/4000
3. Calculate the external resistor value
RBK = 0.6/Irefbk
RFL = 0.6/Ireffl
4. The dimming of flash and backlight LED will be
now achieved by changing the PWRLD_BK[4..0]
and PWRLED_FL[6..0] registers content to get the
operating LED current along the curves 0 mA to
ILED−BK−MAX mA and 0 mA to ILED−FL mA:
BK−NSteps = number of steps stored into the
PWRLD_BK register (value, in decimal, of the
PWRLD_BK[4..0] register)
FL−NSteps = number of steps stored into the
PWRLED_FL register (value, in decimal, of the
PWRLD_FL[6..0] register)
ILEDBK = (ILEDBK−MAX/31) * BK−NSteps
ILEDFL = (ILEDFL−MAX/127) * FL−NSteps
PHYSICAL ADDRESS
The physical I2C address dedicated to the NCP5608 to support the I2C protocol is: 0111 001X
→ $72. The external
controller must fulfill the I2C protocol to drive the chip: see I2C−BUS SPECIFICATION, Version 2.1. The NCP5608
operates as a Slave only and never takes over the I2C control.
Table 3. NCP5608 Operation Truth Table
PWRLED_BK (0−7)
PWRLED_FL (0−7)
Output Voltage
Comments
$00
$00
Forced to zero
DC−DC = OFF
>$80
X
Vfbk + Vsense
DC−DC = ON, LED1 to LED4 active
>$00
X
Vfbk + Vsense
DC−DC = ON, LED1 to LED3 active
LED4 deactivated
X
>$00
Vffl + Vsense
DC−DC = ON
The I2C protocol is based on the standard format defined
in the industry. Basically, the DATA is transferred from the
MCU to the NCP5608 registers by means of the SDA
message associated to the SCL clock. The MCU presents
the 8 bits during the low state of the SCK signal and the
peripheral device ( in our case, the NCP5608) shall reads
the bits during the high state of the same clock. The transfer
is MSB first as depicted in Figure 5.
DATA
CLOCK
MPU send bit
The NCP5608 reads one bit
MPU enables clock
The NCP5608 send ACK
B0
B1
B2
B3
B4
B5
B6
B7
Start
ACK
B0
B1
B2
B3
B4
B5
B6
B7
ACK
Stop
PHYSICAL ADDRESS FRAME
DATA FRAME
NOTE: See I2C−BUS SPECIFICATION, Version 2.1, January 2000, for further timing details.
Figure 5. Basic I2C Timings


Similar Part No. - NCP5608MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5602MUTBG ONSEMI-NCP5602MUTBG Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5603MNR2 ONSEMI-NCP5603MNR2 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
More results

Similar Description - NCP5608MTR2G

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
   Charge Pump Flash LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com