Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP9001 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP9001
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9001 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP9001 Datasheet HTML 2Page - ON Semiconductor NCP9001 Datasheet HTML 3Page - ON Semiconductor NCP9001 Datasheet HTML 4Page - ON Semiconductor NCP9001 Datasheet HTML 5Page - ON Semiconductor NCP9001 Datasheet HTML 6Page - ON Semiconductor NCP9001 Datasheet HTML 7Page - ON Semiconductor NCP9001 Datasheet HTML 8Page - ON Semiconductor NCP9001 Datasheet HTML 9Page - ON Semiconductor NCP9001 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP9001
http://onsemi.com
6
Figure 11. Soft Start Time (VIN = 3.6 V)
Figure 12. Frequency vs. Input Voltage
Figure 13. Frequency vs. Temperature
Figure 14. Load Regulation
Figure 15. Output Voltage vs. Enable Input Pin
Voltage
Figure 16. PFM/PWM Threshold vs. Input
Voltage
0
IOUT, OUTPUT CURRENT (mA)
3.0
1.0
−3.0
100
200
300
400
500
700
−1.0
−2.0
0.5
0
0.2
0.4
0.6
0.8
1.0
VIN, ENABLE INPUT VOLTAGE (V)
0.0
1.4
1.5
1.0
2.0
VIN, INPUT VOLTAGE (V)
1.3
1.4
1.5
1.6
1.7
1.8
2.7
3.2
3.7
4.2
4.7
5.7
5.2
2.0
0.0
2.7
3.2
3.7
4.2
4.7
5.2
VIN, INPUT VOLTAGE (V)
5.7
IOUT = 300 mA
IOUT = 600 mA
TEMPERATURE (°C)
1.2
1.3
1.4
1.5
1.6
1.7
−40
−20
0
20
40
100
1.8
60
VIN = 5.5 V
IOUT = 300 mA
80
VIN = 3.6 V
1.5
−2.5
−0.5
−1.5
2.5
0.5
600
VOUT = 3.3 V
VOUT = 1.8 V
VOUT = 0.9 V
1.2
VOUT = 1.8 V
TA = 25°C
EN
2 V/Div
VOUT
500 mV/Div
100 ms/Div
0
10
20
30
40
50
60
70
80
90
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn