Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP9001SNT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP9001SNT1G
Description  1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9001SNT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP9001SNT1G Datasheet HTML 4Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 5Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 6Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 7Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 8Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 9Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 10Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 11Page - ON Semiconductor NCP9001SNT1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCP9001
http://onsemi.com
9
Cycle−by−Cycle Current Limitation
From the block diagram (Figure 3), an ILIM comparator
is used to realize cycle−by−cycle current limit protection.
The comparator compares the LX pin voltage with the
reference voltage, which is biased by a constant current. If
the inductor current reaches the limit, the ILIM comparator
detects the LX voltage falling below the reference voltage
and releases the signal to turn off the switch Q1. The
cycle−by−cycle current limit is set at 1200 mA (nom).
Short Circuit Protection
When the output is shorted to ground, the device limits
the inductor current. The duty−cycle is minimum and the
consumption on the input line is 300 mA (Typ). When the
short circuit condition is removed, the device returns to the
normal mode of operation.
Soft−Start
The NCP9001 uses soft−start (300
ms Typ) to limit the
inrush current when the device is initially enabled.
Soft−start is implemented by gradually increasing the
reference voltage until it reaches the full reference voltage.
During startup, a pulsed current source charges the internal
soft−start capacitor to provide gradually increasing
reference voltage. When the voltage across the capacitor
ramps up to the nominal reference voltage, the pulsed
current source will be switched off and the reference
voltage will switch to the regular reference voltage.
Shutdown Mode
When the EN pin has a voltage applied of less than 0.4 V,
the NCP9001 will be disabled. In shutdown mode, the
internal reference, oscillator and most of the control
circuitries are turned off. Therefore, the typical current
consumption will be 0.3
mA (typical value). Applying a
voltage above 1.2 V to EN pin will enable the device for
normal operation. The typical threshold is around 0.7 V.
The device will go through soft−start to normal operation,
however, the EN pin should be tied low while the input
voltage on VIN pin is rising up.
Thermal Shutdown
Internal Thermal Shutdown circuitry is provided to
protect the integrated circuit in the event that the maximum
junction temperature is exceeded. If the junction
temperature exceeds 160
_C, the device shuts down. In this
mode switch Q1 and Q2 and the control circuits are all
turned off. The device restarts in soft−start after the
temperature drops below 135
_C. This feature is provided
to prevent catastrophic failures from accidental device
overheating, and it is not intended as a substitute for proper
heatsinking.
Low Dropout Operation
The NCP9001 offers a low input to output voltage
difference. The NCP9001 can operate at 100% duty cycle.
In this mode the PMOS (Q1) switches completely on.
The minimum input voltage to maintain regulation can
be calculated as:
VIN(min) + VOUT(max)
(eq. 1)
) (IOUT
(RDS(on) ) RINDUCTOR))
VOUT: Output Voltage (Volts)
IOUT: Max Output Current
RDS(on): P−Channel Switch RDS(on)
RINDUCTOR: Inductor Resistance (DCR)


Similar Part No. - NCP9001SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP9003SNT1G ONSEMI-NCP9003SNT1G Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
More results

Similar Description - NCP9001SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1522 ONSEMI-NCP1522 Datasheet
155Kb / 17P
   3.0 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 3
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1526 ONSEMI-NCP1526 Datasheet
292Kb / 16P
   400 mA, 1.2 V, High?묮fficiency, Step?묭own Converter with Low Noise Voltage Regulator Optimized for RF Module
July, 2006 ??Rev. 0
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Linear Technology
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com