Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP9002FCT2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP9002FCT2G
Description  1.3 Watt Audio Power Amplifier with Fast Turn On Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9002FCT2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP9002FCT2G Datasheet HTML 4Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 5Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 6Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 7Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 8Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 9Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 10Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 11Page - ON Semiconductor NCP9002FCT2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCP9002
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 21. TON versus Cbypass @ Vbat = 3.6 V,
TA = +255C
Figure 22. TON versus Temperature @ Vbat = 3.6 V,
Cbypass = 1 mF
Figure 23. TON vs. Vbat @ Cbypass = 1 mF,
TA = +255C
Figure 24. Power Dissipation versus Output
Power
Figure 25. Power Dissipation versus Output
Power
Figure 26. Power Dissipation versus Output
Power
Cbypass (nF)
400
800
1600
180
0
60
140
1200
2000
40
80
120
100
160
20
0
TEMPERATURE (
°C)
−25
25
75
50
70
0
50
100
125
90
80
120
100
60
−50
110
Vbat = 5.5 V
Vbat = 3.6 V
Vbat = 2.5 V
2.5
3.0
96
76
78
Vbat, (V)
0
0.1
0.2
0.3
0.3
0
0.1
Pout, OUTPUT POWER (W)
Vp = 3.3 V
RL = 8 W
F = 1 kHz
THD + N < 0.1%
0
0.1
0.2
0.3
0.4
0.25
0
0.05
Pout, OUTPUT POWER (W)
Vp = 3 V
RL = 8 W
F = 1 kHz
THD + N < 0.1%
86
3.5
4.0
4.5
5.0
5.5
0.2
0.4
0.5
0.1
80
82
84
88
0.05
0.15
0.25
0.15
0.2
90
92
94
0
0.2
0.7
0
0.1
Pout, OUTPUT POWER (W)
Vp = 5 V
RL = 8 W
F = 1 kHz
THD + N < 0.1%
0.5
0.4
0.6
0.8
1
1.2
0.2
0.3
0.4
0.6


Similar Part No. - NCP9002FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP9003SNT1G ONSEMI-NCP9003SNT1G Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
More results

Similar Description - NCP9002FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2990 ONSEMI-NCP2990 Datasheet
131Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 0
NCP2892 ONSEMI-NCP2892 Datasheet
158Kb / 16P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 3
NCP2993FCT2GEVB ONSEMI-NCP2993FCT2GEVB Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com