Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP9003SNT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP9003SNT1G
Description  Compact Backlight LED Boost Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP9003SNT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP9003SNT1G Datasheet HTML 6Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 7Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 8Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 9Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 10Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 11Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 12Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 13Page - ON Semiconductor NCP9003SNT1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
NCP9003
http://onsemi.com
10
Figure 14. Overall Efficiency vs. Power Supply @
Iout = 40 mA, L = 22 mH
Figure 15. Feedback Voltage Stability
Vbat (V)
205
200
195
TEMPERATURE (°C)
199
202
203
201
0
20
100
198
197
196
−40
40
−20
60
80
204
5
0
−5
TEMPERATURE (°C)
−1
2
3
1
0
20
100
−2
−3
−4
−40
40
−20
60
80
4
Vbat = 3.1 V thru 5.5 V
Vbat = 3.1 V thru 5.5 V
Figure 16. Feedback Voltage Variation
0
10
20
30
40
50
60
70
80
90
100
2.50
3.00
3.50
4.00
4.50
5.00
5.50
5 LED/40 mA
3 LED/40 mA
4 LED/40 mA
2 LED/40 mA
Feedback Variation vs. Temperature
Feedback Variation vs. Nominal
(Vbat = 3.0 V, 6.0 V, T = 255C)
Figure 17. Standby Current
1.4
2.7
0.0
Vbat (V)
0.6
1.0
0.8
5.5
0.4
0.2
1.2
−40°C thru 125°C
3.3
3.9
4.5
5.1
Standby Current vs. Vbat
4 LED
5 LED
Figure 18. Typical Operating Frequency
0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2 LED
Vbat (V)
3 LED
Figure 19. Overvoltage Protection
26
24
−40
22
TEMPERATURE (°C)
25
0
100
23
40
80
Vbat = 5.5 V
Vbat = 2.7 V
Vbat = 3.6 V
20
130
−20
60
120
Frequency = f(Vbat) @ Iout = 20 mA−Lout = 22 mH
OVP vs. Temperature
Yield = f(Vbat) @ Iout = 40 mA/Lout = 22 mH
All curve conditions: L = 22 mH, Cin = 4.7 mF, Cout = 1.0 mF,
Typical curve @ T° = +25°C


Similar Part No. - NCP9003SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9001 ONSEMI-NCP9001 Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9001SNT1G ONSEMI-NCP9001SNT1G Datasheet
186Kb / 12P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
August, 2006 ??Rev. 2
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9002FCT2G ONSEMI-NCP9002FCT2G Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
More results

Similar Description - NCP9003SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com