Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2501SQT2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCS2501SQT2G
Description  1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2501SQT2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCS2501SQT2G Datasheet HTML 5Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 6Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 7Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 8Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 9Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 10Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 11Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 12Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCS2501
http://onsemi.com
9
Figure 11. THD, HD2, HD3 vs. Frequency
Figure 12. THD, HD2, HD3 vs. Output Voltage
Figure 13. Input Referred Noise vs. Frequency
Figure 14. CMRR vs. Frequency
Figure 15. PSRR vs. Frequency
Figure 16. Differential Gain
7
5
4
3
2
0
1
10
100
1000
FREQUENCY (kHz)
6
1
±5.0V
±2.5V
0
−10
−30
−40
−50
−60
0.01
0.1
10
100
FREQUENCY (MHz)
−20
−70
1
+5.0V
−5.0V
−2.5V
+2.5
0.06
0.04
0.02
0
−0.02
−0.06
−0.8
−0.2
0.4
0.8
OFFSET VOLTAGE (V)
−0.04
−0.6
−0.4
0
0.6
3.58MHz
0.2
10MHz
4.43MHz
VS = ±5V
RL = 150W
20MHz
−40
−45
−65
−70
−80
10
100
1000
FREQUENCY (MHz)
−60
−75
−55
−50
VS = ±5V
VOUT = 2VPP
RL = 150W
HD3
HD2
THD
−40
−60
−65
−70
0.5
3
VOUT (VPP)
−50
1
2.5
3.5
2
−55
−45
1.5
4
VS = ±5V
f = 5MHz
RL = 150W
THD
HD2
HD3
−20
−25
−45
−50
−55
−60
10k
100k
10M
100M
FREQUENCY (Hz)
−40
−65
1M
−35
−30
VS = ±5V


Similar Part No. - NCS2501SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2501SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com