Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2501SQT2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS2501SQT2G
Description  1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2501SQT2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS2501SQT2G Datasheet HTML 7Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 8Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 9Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 10Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 11Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 12Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 13Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 14Page - ON Semiconductor NCS2501SQT2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCS2501
http://onsemi.com
11
Figure 23. Frequency Response vs. CL
Figure 24. Transimpedance (ROL) vs. Frequency
Figure 25. Turn ON Time Delay
Horizontal: 4 ns / Div
Vertical: 10mV/Div
18
12
0
−6
−12
−18
−30
1
10
100
1000
Frequency (MHz)
6
−24
100pF
47pF
10pF
Figure 26. Turn OFF Time Delay
Horizontal: 4 ns / Div
Vertical: 10mV/Div
EN
OUT
EN
OUT
10M
100k
10k
1k
100
1
0.01
10
10k
FREQUENCY (MHz)
1M
10
0.1
1
100
1000
VS = ±5V
RF = 1.2kW
RL = 100W
Gain= +2
VS = ±5V
Output Signal: Squarewave, 10MHz, 2VPP
Output Signal: Squarewave, 10MHz, 2VPP


Similar Part No. - NCS2501SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2501SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com