Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2502SQT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS2502SQT2G
Description  650 uA 110 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2502SQT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCS2502SQT2G Datasheet HTML 1Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 2Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 3Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 4Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 5Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 6Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 7Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 8Page - ON Semiconductor NCS2502SQT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCS2502
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = +5.0 V, VEE = −5.0 V, TA = −40°C to +85°C, RL = 100 W to GND, RF = 1.2 kW,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
FREQUENCY DOMAIN PERFORMANCE
BW
Bandwidth
3.0 dB Small Signal
3.0 dB Large Signal
AV = +2.0, VO = 0.5 Vp−p
AV = +2.0, VO = 2.0 Vp−p
110
90
MHz
GF0.1dB
0.1 dB Gain Flatness
Bandwidth
AV = +2.0
15
MHz
dG
Differential Gain
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.08
%
dP
Differential Phase
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.2
°
TIME DOMAIN RESPONSE
SR
Slew Rate
AV = +2.0, Vstep = 2.0 V
230
V/
ms
ts
Settling Time
0.01%
0.1%
AV = +2.0, Vstep = 2.0 V
AV = +2.0, Vstep = 2.0 V
160
35
ns
tr tf
Rise and Fall Time
(10%−90%) AV = +2.0, Vstep = 2.0 V
9.0
ns
tON
Turn−on Time
900
ns
tOFF
Turn−off Time
400
ns
HARMONIC/NOISE PERFORMANCE
THD
Total Harmonic Distortion
f = 5.0 MHz, VO = 2.0 Vp−p, RL = 150 W
−49
dB
HD2
2nd Harmonic Distortion
f = 5.0 MHz, VO = 2.0 Vp−p
−57
dBc
HD3
3rd Harmonic Distortion
f = 5.0 MHz, VO = 2.0 Vp−p
−53
dBc
IP3
Third−Order Intercept
f = 10 MHz, VO = 2.0 Vp−p
35
dBm
SFDR
Spurious−Free Dynamic
Range
f = 5.0 MHz, VO = 2.0 Vp−p
55
dBc
eN
Input Referred Voltage Noise
f = 1.0 MHz
5
nV
Hz
iN
Input Referred Current Noise
f = 1.0 MHz, Inverting
f = 1.0 MHz, Non−Inverting
25
25
pA
Hz


Similar Part No. - NCS2502SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2502 ONSEMI-NCS2502 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2502SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com