Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2500DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS2500DG
Description  1.1 mA 200 MHz Current Feedback Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2500DG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS2500DG Datasheet HTML 3Page - ON Semiconductor NCS2500DG Datasheet HTML 4Page - ON Semiconductor NCS2500DG Datasheet HTML 5Page - ON Semiconductor NCS2500DG Datasheet HTML 6Page - ON Semiconductor NCS2500DG Datasheet HTML 7Page - ON Semiconductor NCS2500DG Datasheet HTML 8Page - ON Semiconductor NCS2500DG Datasheet HTML 9Page - ON Semiconductor NCS2500DG Datasheet HTML 10Page - ON Semiconductor NCS2500DG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCS2500
http://onsemi.com
7
DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = −2.5 V, TA = −40°C to +85°C, RL = 100 W to GND, RF = 1.2 kW,
AV = +2.0, VIN = 0 V, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
VOS
Offset Voltage
−4.0
"0.5
+4.0
mV
DVIO/DT
Input Offset Voltage
Temperature Coefficient
6.0
mV/°C
IIB
Input Bias Current
+Input (Non−Inverting), VO = 0 V
−Input (Inverting), VO = 0 V (Note 5)
−4.0
−4.0
"2.0
"0.4
+4.0
+4.0
mA
DIIB/DT
Input Bias Current Temperature
Coefficient
+Input (Non−Inverting), VO = 0 V
−Input (Inverting), VO = 0 V
"40
"10
nA/
°C
INPUT CHARACTERISTICS
VCM
Input Common Mode Voltage
Range (Note 5)
"1.3
"1.5
V
CMRR
Common Mode Rejection Ratio
(See Graph)
50
55
65
dB
RIN
Input Resistance
+Input (Non−Inverting)
−Input (Inverting)
4.0
350
M
W
W
CIN
Differential Input Capacitance
1.0
pF
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
0.02
W
VO
Output Voltage Swing
"1.1
"1.4
V
IO
Output Current
"40
"80
mA
POWER SUPPLY
VS
Operating Voltage Supply
5.0
V
IS
Power Supply Current
VO = 0 V
0.5
0.9
1.9
mA
PSRR
Power Supply Rejection Ratio
(See Graph)
50
60
70
dB
5. Guaranteed by design and/or characterization.
+
VIN
RL
RF
RF
VOUT
Figure 4. Typical Test Setup
(AV = +2.0, RF = 1.8 kW or 1.2 kW or 1.0 kW, RL = 100 W)


Similar Part No. - NCS2500DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
NCS2500 ONSEMI-NCS2500 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NCS2500 ONSEMI-NCS2500_06 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2500DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com