Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22279-A Datasheet(PDF) 9 Page - Analog Devices

Part # AD22279-A
Description  Single-Axis, High-g, iMEMS Accelerometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22279-A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD22279-A Datasheet HTML 4Page - Analog Devices AD22279-A Datasheet HTML 5Page - Analog Devices AD22279-A Datasheet HTML 6Page - Analog Devices AD22279-A Datasheet HTML 7Page - Analog Devices AD22279-A Datasheet HTML 8Page - Analog Devices AD22279-A Datasheet HTML 9Page - Analog Devices AD22279-A Datasheet HTML 10Page - Analog Devices AD22279-A Datasheet HTML 11Page - Analog Devices AD22279-A Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADXL78
Rev. A | Page 9 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
1
3
5
7
0.64
1.90
2.50
2.50
0.38 DIAMETER
0.50 DIAMETER
1.27
1.27
1.27
4.50
SQ
5.00
SQ
TOP VIEW
R 0.38
0.20
1.78
R 0.20
Figure 6. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8)
Dimensions shown in millimeters
ADXL78 ORDERING GUIDE
Model1
Parts
per Reel
Measurement
Range
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
AD22279-A-R2
250
±35 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8
AD22279-A
3000
±35 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8
AD22280-R2
250
±50 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8
AD22280
3000
±50 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8
AD22281-R2
250
±70 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8
AD22281
3000
±70 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8
1 All models are on tape and reel and are Pb-free parts.


Similar Part No. - AD22279-A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22279-A AD-AD22279-A Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22279-A-R2 AD-AD22279-A-R2 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
More results

Similar Description - AD22279-A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
   Dual-Axis, High-g, iMEMS Accelerometers
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com