Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL204 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL204
Description  Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL204 Datasheet(HTML) 1 Page - Analog Devices

  ADXL204 Datasheet HTML 1Page - Analog Devices ADXL204 Datasheet HTML 2Page - Analog Devices ADXL204 Datasheet HTML 3Page - Analog Devices ADXL204 Datasheet HTML 4Page - Analog Devices ADXL204 Datasheet HTML 5Page - Analog Devices ADXL204 Datasheet HTML 6Page - Analog Devices ADXL204 Datasheet HTML 7Page - Analog Devices ADXL204 Datasheet HTML 8Page - Analog Devices ADXL204 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Precision ±1.7 g Single-/Dual-Axis
i MEMS® Accelerometer
ADXL204
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
High performance, dual-axis accelerometer on a
single IC chip
Specified at VS = 3.3 V
5 mm × 5 mm × 2 mm LCC package
Better than 2 mg resolution at 60 Hz
Low power: 500 μA at VS = 3.3 V (typical)
High zero g bias stability
High sensitivity accuracy
–40°C to +125°C temperature range
X-axis and Y-axis aligned to within 0.1° (typical)
BW adjustment with a single capacitor
Single-supply operation
3500 g shock survival
RoHS compliant
Compatible with Sn/Pb- and Pb-free solder processes
APPLICATIONS
Vehicle dynamic control (VDC)/electronic stability program
(ESP) systems
Electronic chassis controls
Electronic braking
Platform stabilization/leveling
Navigation
Alarms and motion detectors
High accuracy, 2-axis tilt sensing
GENERAL DESCRIPTION
The ADXL204 is a high precision, low power, complete dual-
axis accelerometer with signal-conditioned voltage outputs, all
on a single monolithic IC. Like the ADXL203, it measures
acceleration with a full-scale range of ±1.7 g; however, the
ADXL204 is tested and specified for 3.3 V supply voltage,
whereas the ADXL203 is tested and specified at 5 V. Both parts
function well over a wide 3 V to 6 V operating voltage range.
The ADXL204 can measure both dynamic acceleration (for
example, vibration) and static acceleration (for example, gravity).
The typical noise floor is 170 μg/√Hz, allowing signals below
2 mg (0.1° of inclination) to be resolved in tilt sensing
applications using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
Capacitor CX and Capacitor CY at the XOUT and YOUT pins.
Bandwidths of 0.5 Hz to 2.5 kHz can be selected to suit the
application.
The ADXL204 is available in a 5 mm × 5 mm × 2 mm,
8-terminal hermetic LCC package.
FUNCTIONAL BLOCK DIAGRAM
ADXL204
SENSOR
+5V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
YOUT
VS
CDC
CY
RFILT
32kΩ
DEMOD
XOUT
CX
RFILT
32kΩ
AC
AMP
Figure 1.


Similar Part No. - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results

Similar Description - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com