Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS211 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # IS211
Description  Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS211 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  IS211 Datasheet HTML 1Page - ISOCOM COMPONENTS IS211 Datasheet HTML 2Page - ISOCOM COMPONENTS IS211 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15/2/06
DC93058
APPROVALS
l
l
UL Pending File No. E91231
DESCRIPTION
The IS211 is a miniature 1-Form A solid state
relay in a 4 pin SOP package. The IS211 utilises
MOSFET technology that is optically coupled to a
highly efficient GaAlAs infrared light emitting
diodes.
FEATURES
l
SOP 4 pin package for compact PCB's
l
Lower driver power requirements
l
No moving parts
l
High reliability
l
Arc-Free without snubbing circuits
l
1500Vrms Input/Output voltage
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Telecommunications
l
Industrial systems controllers
l
Measuring instruments
l
Security Equipment
l
Signal transmission between systems of
different potentials and impedances
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
______ -40°C to+ 100°C
Operating Temperature ______ -40°C to + 85°C
Lead Soldering Temperature____ 260°C
INPUTDIODE
Forward Current
_______50mA
Reverse Voltage
_______5V
Power Dissipation
_______75mW
OUTPUTMOSFET
Load Voltage________________ 350V
Load Current________________120mA
Output Power dissipation______300mW
POWERDISSIPATION
Total Power Dissipation _______350mW
(derate linearly 5.83mW/°C above 25°C)
ISOCOMCOMPONENTS ASIALTD
Hong Kong Office, 1712-1713 Laurels
Industrial Centre, 32 Tai Yau Street, San Po
Kong, Kowloon, Hong Kong.
Tel: 852 2995 9217 Fax : 852 8161 6292
e-mail sales@isocom.com.hk
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West,
Park View Industrial Estate,
Hartlepool, TS25 1UD, England
Tel: 44( 0 )1429 863609 Fax :44 ( 0 )1429 863581
e-mail sales@isocom.co.uk
www.isocom.com
5.2
6.8
0.4
4.3
IS211
Brand Name
Part Number
Date Code
week
month
year
Small Outline Photo DMOS-FET Relay
with High Load Voltage Capabilities
IS211


Similar Part No. - IS211

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS21/22TF128G ISSI-IS21/22TF128G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
IS21/22TF16G ISSI-IS21/22TF16G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
IS21/22TF32G ISSI-IS21/22TF32G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
IS21/22TF64G ISSI-IS21/22TF64G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
logo
ISOCOM COMPONENTS
IS210 ISOCOM-IS210 Datasheet
463Kb / 3P
   Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
More results

Similar Description - IS211

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS210 ISOCOM-IS210 Datasheet
463Kb / 3P
   Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
IS215 ISOCOM-IS215 Datasheet
454Kb / 3P
   Small Outline Photo DMOS-FET Relay with high load current capabilities
IS216 ISOCOM-IS216 Datasheet
454Kb / 3P
   Small Outline Photo DMOS-FET Relay with high load current capabilities ( 1.7A )
IS216D ISOCOM-IS216D Datasheet
454Kb / 3P
   Small Outline Photo DMOS-FET Relay with very high load current capabilities( 5A )
IS214 ISOCOM-IS214 Datasheet
454Kb / 3P
   Small Outline Photo DMOS-FET Relay
logo
LETEX TECHNOLOGY CORP.
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
   Photo DMOS-FET Relay
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
   Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
   Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
   Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
   Photo DMOS-FET Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com