Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21366BBC-1AA Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21366BBC-1AA
Description  SHARC Processor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21366BBC-1AA Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21366BBC-1AA Datasheet HTML 4Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 5Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 6Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 7Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 8Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 9Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 10Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 11Page - Analog Devices ADSP-21366BBC-1AA Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Rev. A
|
Page 8 of 52
|
December 2006
ADSP-21362/ADSP-21363/ADSP-21364/ADSP-21365/ADSP-21366
three timers. The IDP provides an additional input path to the
ADSP-2136x core, configurable as either eight channels of I2S
serial data or as seven channels plus a single 20-bit wide syn-
chronous parallel data acquisition port. Each data channel has
its own DMA channel that is independent from the processor’s
serial ports.
For complete information on using the DAI, see the
ADSP-2136x SHARC Processor Hardware Reference.
Serial Ports
The ADSP-2136x features six synchronous serial ports that pro-
vide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices such as Analog Devices’
AD183x family of audio codecs, ADCs, and DACs. The serial
ports are made up of two data lines, a clock, and a frame sync.
The data lines can be programmed to either transmit or receive
and each data line has a dedicated DMA channel.
Serial ports are enabled via 12 programmable and simultaneous
receive or transmit pins that support up to 24 transmit or 24
receive channels of audio data when all six SPORTS are enabled,
or six full duplex TDM streams of 128 channels per frame.
The serial ports operate at a maximum data rate of 41.67 M
bits/s. Serial port data can be automatically transferred to and
from on-chip memory via dedicated DMA channels. Each of the
serial ports can work in conjunction with another serial port to
provide TDM support. One SPORT provides two transmit sig-
nals while the other SPORT provides the two receive signals.
The frame sync and clock are shared.
Serial ports operate in four modes:
• Standard DSP serial mode
• Multichannel (TDM) mode
•I2S mode
• Left-justified sample pair mode
Left-justified sample pair mode is a mode where in each frame
sync cycle two samples of data are transmitted/received—one
sample on the high segment of the frame sync, the other on the
low segment of the frame sync. Programs have control over var-
ious attributes of this mode.
Each of the serial ports supports the left-justified sample pair
and I2S protocols (I2S is an industry-standard interface com-
monly used by audio codecs, ADCs, and DACs, such as the
Analog Devices AD183x family), with two data pins, allowing
four left-justified sample pair or I2S channels (using two stereo
devices) per serial port, with a maximum of up to 24 I2S chan-
nels. The serial ports permit little-endian or big-endian
transmission formats and word lengths selectable from 3 bits to
32 bits. For the left-justified sample pair and I2S modes, data-
word lengths are selectable between 8 bits and 32 bits. Serial
ports offer selectable synchronization and transmit modes as
well as optional μ-law or A-law companding selection on a per
channel basis. Serial port clocks and frame syncs can be inter-
nally or externally generated.
Parallel Port
The parallel port provides interfaces to SRAM and peripheral
devices. The multiplexed address and data pins (AD15–0) can
access 8-bit devices with up to 24 bits of address, or 16-bit
devices with up to 16 bits of address. In either mode, 8-bit or
16-bit, the maximum data transfer rate is 55M bytes/sec.
DMA transfers are used to move data to and from internal
memory. Access to the core is also facilitated through the paral-
lel port register read/write functions. The RD, WR, and ALE
(address latch enable) pins are the control pins for the
parallel port.
Serial Peripheral (Compatible) Interface
The processors contain two serial peripheral interface ports
(SPIs). The SPI is an industry-standard synchronous serial link,
enabling the ADSP-2136x SPI-compatible port to communicate
with other SPI-compatible devices. The SPI consists of two data
pins, one device select pin, and one clock pin. It is a full-duplex
synchronous serial interface, supporting both master and slave
modes. The SPI port can operate in a multimaster environment
by interfacing with up to four other SPI-compatible devices,
either acting as a master or slave device. The ADSP-2136x SPI-
compatible peripheral implementation also features program-
mable baud rate, clock phase, and polarities. The SPI-
compatible port uses open drain drivers to support a multimas-
ter configuration and to avoid data contention.
S/PDIF-Compatible Digital Audio Receiver/Transmitter
and Synchronous/Asynchronous Sample Rate Converter
The S/PDIF transmitter has no separate DMA channels. It
receives audio data in serial format and converts it into a
biphase encoded signal. The serial data input to the transmitter
can be formatted as left-justified, I2S, or right-justified with
word widths of 16, 18, 20, or 24 bits.
The serial data, clock, and frame sync inputs to the S/PDIF
transmitter are routed through the signal routing unit (SRU).
They can come from a variety of sources such as the SPORTs,
external pins, the precision clock generators (PCGs), or the
sample rate converters (SRC) and are controlled by the SRU
control registers.
The sample rate converter (SRC) contains four SRC blocks and
is the same core as that used in the AD1896 192 kHz stereo
asynchronous sample rate converter and provides up to 140 dB
SNR (see Table 2 on Page 4 for details). The SRC block is used
to perform synchronous or asynchronous sample rate conver-
sion across independent stereo channels, without using internal
processor resources. The four SRC blocks can also be config-
ured to operate together to convert multichannel audio data
without phase mismatches. Finally, the SRC is used to clean up
audio data from jittery clock sources such as the S/PDIF
receiver. The S/PDIF and SRC are not available on the
ADSP-21363 models.
Digital Transmission Content Protection
The DTCP specification defines a cryptographic protocol for
protecting audio entertainment content from illegal copying,
intercepting, and tampering as it traverses high performance


Similar Part No. - ADSP-21366BBC-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21366 AD-ADSP-21366 Datasheet
559Kb / 54P
   SHARC Processor
Rev. PrA
ADSP-21366SBBC-ENG AD-ADSP-21366SBBC-ENG Datasheet
559Kb / 54P
   SHARC Processor
Rev. PrA
ADSP-21366SBBCZENG AD-ADSP-21366SBBCZENG Datasheet
559Kb / 54P
   SHARC Processor
Rev. PrA
ADSP-21366SBSQ-ENG AD-ADSP-21366SBSQ-ENG Datasheet
559Kb / 54P
   SHARC Processor
Rev. PrA
ADSP-21366SBSQZENG AD-ADSP-21366SBSQZENG Datasheet
559Kb / 54P
   SHARC Processor
Rev. PrA
More results

Similar Description - ADSP-21366BBC-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com