Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGD8205N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGD8205N
Description  Ignition IGBT 20 Amp, 350 Volt, N?묬hannel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8205N Datasheet(HTML) 2 Page - ON Semiconductor

  NGD8205N Datasheet HTML 1Page - ON Semiconductor NGD8205N Datasheet HTML 2Page - ON Semiconductor NGD8205N Datasheet HTML 3Page - ON Semiconductor NGD8205N Datasheet HTML 4Page - ON Semiconductor NGD8205N Datasheet HTML 5Page - ON Semiconductor NGD8205N Datasheet HTML 6Page - ON Semiconductor NGD8205N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NGD8205N
http://onsemi.com
2
UNCLAMPED COLLECTOR−TO−EMITTER AVALANCHE CHARACTERISTICS (−55° ≤ TJ ≤ 175°C)
Characteristic
Symbol
Value
Unit
Single Pulse Collector−to−Emitter Avalanche Energy
VCC = 50 V, VGE = 5.0 V, Pk IL = 16.7 A, RG = 1000 W, L = 1.8 mH, Starting TJ = 25°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 14.9 A, RG = 1000 W, L = 1.8 mH, Starting TJ = 150°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 14.1 A, RG = 1000 W, L = 1.8 mH, Starting TJ = 175°C
EAS
250
200
180
mJ
Reverse Avalanche Energy
VCC = 100 V, VGE = 20 V, Pk IL = 25.8 A, L = 6.0 mH, Starting TJ = 25°C
EAS(R)
2000
mJ
THERMAL CHARACTERISTICS
Thermal Resistance, Junction−to−Case
RqJC
1.2
°C/W
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
95
°C/W
Maximum Temperature for Soldering Purposes, 1/8″ from case for 5 seconds (Note 2)
TL
275
°C
1. When surface mounted to an FR4 board using the minimum recommended pad size.
2. For further details, see Soldering and Mounting Techniques Reference Manual: SOLDERRM/D.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Clamp Voltage
BVCES
IC = 2.0 mA
TJ = −40°C to 175°C
325
350
375
V
IC = 10 mA
TJ = −40°C to 175°C
340
365
390
Zero Gate Voltage Collector Current
ICES
VGE = 0 V,
VCE = 15 V
TJ = 25°C
0.1
1.0
mA
VCE = 175 V,
VGE = 0 V
TJ = 25°C
0.5
1.5
10
mA
TJ = 175°C
1.0
25
100*
TJ = −40°C
0.4
0.8
5.0
Reverse Collector−Emitter Clamp Voltage
BVCES(R)
IC = −75 mA
TJ = 25°C
30
35
39
V
TJ = 175°C
35
39
45*
TJ = −40°C
30
33
37
Reverse Collector−Emitter Leakage Current
ICES(R)
VCE = −24 V
TJ = 25°C
0.05
0.25
0.5
mA
TJ = 175°C
1.0
12.5
25*
TJ = −40°C
0.005
0.03
0.25
Gate−Emitter Clamp Voltage
BVGES
IG = "5.0 mA
TJ = −40°C to 175°C
12
12.5
14
V
Gate−Emitter Leakage Current
IGES
VGE = "5.0 V
TJ = −40°C to 175°C
200
300
350*
mA
Gate Resistor (Optional)
RG
TJ = −40°C to 175°C
70
W
Gate−Emitter Resistor
RGE
TJ = −40°C to 175°C 14.25
16
25
kW
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGE(th)
IC = 1.0 mA,
VGE = VCE
TJ = 25°C
1.5
1.8
2.1
V
TJ = 175°C
0.7
1.0
1.3
TJ = −40°C
1.7
2.0
2.3*
Threshold Temperature Coefficient
(Negative)
3.8
4.6
6.0
mV/°C
*Maximum Value of Characteristic across Temperature Range.
3. Pulse Test: Pulse Width v 300 mS, Duty Cycle v 2%.


Similar Part No. - NGD8205N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8205NT4G ONSEMI-NGD8205NT4G Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
More results

Similar Description - NGD8205N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
MGP19N35CL ONSEMI-MGP19N35CL Datasheet
282Kb / 12P
   Ignition IGBT 19 Amps, 350 Volts N?묬hannel TO??20 and D-2PAK
February, 2005 ??Rev. XXX
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
logo
ON Semiconductor
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
NGP8203N ONSEMI-NGP8203N Datasheet
144Kb / 7P
   Ignition IGBT 20 A, 400 V, N?묬hannel TO??20
August, 2006 ??Rev. 1
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com