Electronic Components Datasheet Search |
|
AD7328BRUZ Datasheet(PDF) 5 Page - Analog Devices |
|
AD7328BRUZ Datasheet(HTML) 5 Page - Analog Devices |
5 / 36 page AD7328 Rev. A | Page 5 of 36 B Version Parameter1 Min Typ Max Unit Test Conditions/Comments LOGIC INPUTS Input High Voltage, VINH 2.4 V Input Low Voltage, VINL 0.8 V VCC = 4.75 V to 5.25 V 0.4 V VCC = 2.7 to 3.6 V Input Current, IIN ±1 μA VIN = 0 V or VDRIVE Input Capacitance, CIN3 10 pF LOGIC OUTPUTS Output High Voltage, VOH VDRIVE − 0.2 V ISOURCE = 200 μA Output Low Voltage, VOL 0.4 V ISINK = 200 μA Floating-State Leakage Current ±1 μA Floating-State Output Capacitance3 5 pF Output Coding Straight natural binary Coding bit set to 1 in control register Twos complement Coding bit set to 0 in control register CONVERSION RATE Conversion Time 800 ns 16 SCLK cycles with SCLK = 20 MHz Track-and-Hold Acquisition Time2, 3 305 ns Full-scale step input; see the Terminology section Throughput Rate 1 MSPS See the Serial Interface section; VCC = 4.75 V to 5.25 V 770 kSPS VCC < 4.75 V POWER REQUIREMENTS Digital inputs = 0 V or VDRIVE VDD 12 16.5 V See Table 6 VSS −12 −16.5 V See Table 6 VCC 2.7 5.25 V See Table 6; typical specifications for VCC < 4.75 V VDRIVE 2.7 5.25 V Normal Mode (Static) 0.9 mA VDD/VSS = ±16.5 V, VCC/VDRIVE = 5.25 V Normal Mode (Operational) fSAMPLE = 1 MSPS IDD 360 μA VDD = 16.5 V ISS 410 μA VSS = −16.5 V ICC and IDRIVE 3.2 mA VCC/VDRIVE = 5.25 V Autostandby Mode (Dynamic) fSAMPLE = 250 kSPS IDD 200 μA VDD = 16.5 V ISS 210 μA VSS = −16.5 V ICC and IDRIVE 1.3 mA VCC/VDRIVE = 5.25 V Autoshutdown Mode (Static) SCLK on or off IDD 1 μA VDD = 16.5 V ISS 1 μA VSS = −16.5 V ICC and IDRIVE 1 μA VCC/VDRIVE = 5.25 V Full Shutdown Mode SCLK on or off IDD 1 μA VDD = 16.5 V ISS 1 μA VSS = −16.5 V ICC and IDRIVE 1 μA VCC/VDRIVE = 5.25 V POWER DISSIPATION Normal Mode 30 mW VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V 21 mW VDD = 12 V, VSS = −12 V, VCC = 5 V Full Shutdown Mode 38.25 μW VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V 1 Temperature range is −40°C to +85°C. 2 See the Terminology section. 3 Sample tested during initial release to ensure compliance. 4 For dc accuracy specifications, the LSB size for differential mode is FSR/8192. For single-ended mode/pseudo differential mode, the LSB size is FSR/4096, unless otherwise noted. 5 Unipolar 0 V to 10 V range with straight binary output coding. 6 Bipolar range with twos complement output coding. |
Similar Part No. - AD7328BRUZ |
|
Similar Description - AD7328BRUZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |