Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


NLAS2066 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NLAS2066
Description  Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 6 page
background image
NLAS2066
http://onsemi.com
6
30
15
0
5
10
20
25
0
−40
°C
VIS (VOLTS)
1.0
2.0
3.0
25
°C
85
°C
125
°C
35.0
30.0
20.0
25.0
15.0
10.0
0.0
6
200
50
0
Figure 2. RON vs. VCOM and VCC (@255C)
Figure 3. RON vs. VCOM and Temperature,
VCC = 2.0 V
0
12
10
8
6
4.0
3.0
2.0
4
2
0
1.0
Figure 4. RON vs. VCOM and Temperature,
VCC = 2.5 V
VIS (VOLTS)
Figure 5. RON vs. VCOM and Temperature,
VCC = 3.0 V
VIS (VOLTS)
Figure 6. RON vs. VCOM and Temperature,
VCC = 4.5 V
VCC (V)
2.0
5.5
5.0
4.5
3.0
0
4.0
5.0
3.0
2.0
1.0
4
3
5
0
tON
100
150
2
1
5.0
−40
°C
25
°C
85
°C
125
°C
tOFF
−40
°C
25
°C
85
°C
125
°C
02
13
4
5
VCC = 2.0
VCC = 2.5
VCC = 3.0
VCC = 4.5
40
60
20
0
80
100
120
140
160
VIS (VOLTS)
0
−40
°C
VIS (VOLTS)
0.5
1.0
1.5
25
°C
85
°C
125
°C
Figure 7. Switching Time vs. Supply Voltage,
T = 25
5C
2.0




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NLAS9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAST9431Low Voltage Single Supply Dual DPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
ADG2128IC CMOS 8 × 12 Unbuffered Analog Switch Array With Dual/Single Supplies 1 2 3 4 5 MoreAnalog Devices
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
ADG2188IC CMOS 8 × 8 Unbuffered Analog Switch Array with Dual/Single Supplies 1 2 3 4 5 MoreAnalog Devices
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices
DP83849IFPHYTER® DUAL Industrial Temperature with Fiber Support FX an Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl