Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP0640SXT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NP0640SXT3G
Description  Thyristor Surge Protectors High Voltage Bidirectional
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0640SXT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NP0640SXT3G Datasheet HTML 1Page - ON Semiconductor NP0640SXT3G Datasheet HTML 2Page - ON Semiconductor NP0640SXT3G Datasheet HTML 3Page - ON Semiconductor NP0640SXT3G Datasheet HTML 4Page - ON Semiconductor NP0640SXT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NP Series
http://onsemi.com
4
ORDERING INFORMATION
Part Number
Marking
Case
Shipping
NP0640SAT3G
064A
SMB
(Pb−Free)
2500 / Tape and Reel
NP0640SBT3G
064B
NP0640SCT3G
064C
NP0720SAT3G
072A
NP0720SBT3G
072B
NP0720SCT3G
072C
NP0900SAT3G
090A
NP0900SBT3G
090B
NP0900SCT3G
090C
NP1100SAT3G
110A
NP1100SBT3G
110B
NP1100SCT3G
110C
NP1300SAT3G
130A
NP1300SBT3G
130B
NP1300SCT3G
130C
NP1500SAT3G
150A
NP1500SBT3G
150B
NP1500SCT3G
150C
NP1800SAT3G
180A
NP1800SBT3G
180B
NP1800SCT3G
180C
NP2100SAT3G
210A
NP2100SBT3G
210B
NP2100SCT3G
210C
NP2300SAT3G
230A
NP2300SBT3G
230B
NP2300SCT3G
230C
NP2600SAT3G
260A
NP2600SBT3G
260B
NP2600SCT3G
260C
NP3100SAT3G
310A
NP3100SBT3G
310B
NP3100SCT3G
310C
NP3500SAT3G
350A
NP3500SBT3G
350B
NP3500SCT3G
350C
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NP0640SXT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SAMCT3G ONSEMI-NP0640SAMCT3G Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SBMCT3G ONSEMI-NP0640SBMCT3G Datasheet
135Kb / 7P
   80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
NP0640SBT3G ONSEMI-NP0640SBT3G Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
More results

Similar Description - NP0640SXT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com