Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367-5ARUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7367-5ARUZ
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367-5ARUZ Datasheet(HTML) 5 Page - Analog Devices

  AD7367-5ARUZ Datasheet HTML 1Page - Analog Devices AD7367-5ARUZ Datasheet HTML 2Page - Analog Devices AD7367-5ARUZ Datasheet HTML 3Page - Analog Devices AD7367-5ARUZ Datasheet HTML 4Page - Analog Devices AD7367-5ARUZ Datasheet HTML 5Page - Analog Devices AD7367-5ARUZ Datasheet HTML 6Page - Analog Devices AD7367-5ARUZ Datasheet HTML 7Page - Analog Devices AD7367-5ARUZ Datasheet HTML 8Page - Analog Devices AD7367-5ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD7329
Rev. 0 | Page 5 of 40
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUT
Input Voltage Ranges
Reference = 2.5 V; see Table 6
(Programmed via Range
Register)
±10
V
VDD = 10 V min, VSS = −10 V min, VCC = 2.7 V to 5.25 V
±5
V
VDD = 5 V min, VSS = −5 V min, VCC = 2.7 V to 5.25 V
±2.5
V
VDD = 5 V min, VSS = − 5 V min, VCC = 2.7 V to 5.25 V
0 to 10
V
VDD = 10 V min, VSS = AGND min, VCC = 2.7 V to 5.25 V
Pseudo Differential VIN
Input Range
VDD = 16.5 V, VSS = −16.5 V, VCC = 5 V; see Figure 43 and
Figure 44
±3.5
V
Reference = 2.5 V; range = ±10 V
±6
V
Reference = 2.5 V; range = ±5 V
±5
V
Reference = 2.5 V; range = ±2.5 V
+3/−5
V
Reference = 2.5 V; range = 0 V to +10 V
DC Leakage Current
±100
nA
VIN = VDD or VSS
3
nA
Per channel, VIN = VDD or VSS
Input Capacitance3
16
pF
When in track, all ranges, single ended
ADCIN± Capacitance3
7
pF
When in track, ±10 V range, single ended
10
pF
When in track, ±5 V range, single ended
14.5
pF
When in track, ±2.5 V range, single ended
10.5
pF
When in track, 0 V to +10 V range, single ended
4.0
pF
When in hold, all ranges, single ended
MUXOUT− Capacitance3
7.5
pF
All ranges, single ended
MUXOUT+ Capacitance3
13
pF
All ranges, single ended
REFERENCE INPUT/OUTPUT
Input Voltage Range
2.5
3
V
Input DC Leakage Current
±1
μA
Input Capacitance
10
pF
Reference Output Voltage
2.5
V
Reference Output Voltage Error
@ 25°C
±5
mV
Reference Output Voltage
TMIN to TMAX
±10
mV
Reference Temperature
Coefficient
25
ppm/°C
3
ppm/°C
Reference Output Impedance
7
Ω
LOGIC INPUTS
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
VCC = 4.75 V to 5.25 V
0.4
V
VCC = 2.7 to 3.6 V
Input Current, IIN
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE
0.2 V
V
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V
ISINK = 200 μA
Floating-State Leakage Current
±1
μA
Floating-State Output
Capacitance3
5
pF
Output Coding
Straight natural binary
Coding bit set to 1 in control register
Twos complement
Coding bit set to 0 in control register


Similar Part No. - AD7367-5ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

Similar Description - AD7367-5ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7329 AD-AD7329_17 Datasheet
843Kb / 39P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322 AD-AD7322_15 Datasheet
911Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. B
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com