Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 6.0 A, Low VCE(sat) PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12600CF8T1G
http://onsemi.com
3
150°C (5 V)
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
0.001
IC, COLLECTOR CURRENT (A)
0.20
0.05
0
0.01
0.1
1.0
10
0.10
0.15
0.25
IC/IB = 10
VCE(sat) = 150°C
25°C
−55°C
0.001
IC, COLLECTOR CURRENT (A)
0.20
0.05
0
0.01
0.1
1.0
10
0.10
0.15
0.40
IC/IB = 100
VCE(sat) = −55°C
25°C
150°C
0.25
150°C
25°C
−55°C
Figure 3. DC Current Gain vs.
Collector Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.01
0.001
1.0
0.4
0.1
0.001
IC, COLLECTOR CURRENT (A)
0.6
0.4
0.2
0.1
IB, BASE CURRENT (mA)
1.0
0.6
0.4
0.2
0
0.01
0.1
10
1.0
0.1
0.6
0.8
0.8
0.3
150°C
25°C
−55°C
0.8
1.0
1.0
100
100
200
300
400
500
600
800
0.001
0.01
0.1
1.0
10
1.0
1.1
1.2
10
IC = 500 mA
10 mA
100 mA
300 mA
VCE = −1.0 V
0.30
700
0.7
0.5
0.3
0.9
0.35
150°C (2 V)
25°C (5 V)
25°C (2 V)
−55°C (5 V)
−55°C (2 V)
0.5
0.7
0.9
0.01
10
IC/IB = 10


Similar Part No. - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Similar Description - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
   Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
   12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com