Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367ARUZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7367ARUZ-REEL7
Description  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7367ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
AD7367
Rev. PrD | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DOUTA 1
2
3
ADDR
4
DGND
24
23
BUSY
22
CNVST
21
RANGE0
5
RANGE1
6
AGND
7
SCLK
20
CS
19
REFSEL
18
8
AGND
17
9
16
10
15
11
14
12
13
AD7367
TOP VIEW
(Not to Scale)
DOUTB
DCAPADCAPB
DVCC
AVCC
VSS
VA1
VA2
VB1
VB2
VDD
VDRIVE
Figure 2 24-Lead RU-24.
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 23
DOUTA,
DOUTB
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked out
on the falling edge of the SCLK input and 14 SCLK cycles are required to access the data. The data
simultaneously appears on both pins from the simultaneous conversions of both ADCs. The data stream
consists of the 14 bits of conversion data and is provided MSB first. If CS is held low for a further 14 SCLK
cycles on either DOUTA or DOUTB, the data from the other ADC follows on the DOUT pin. This allows data
from a simultaneous conversion on both ADCs to be gathered in serial format on either DOUTA or DOUTB
using only one serial port. See the Serial Interface section.
2
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface will
operate. This pin should be decoupled to DGND. The voltage range on this pin is 2.7V to 5.25V and may be
different to that at AVCC and DVCC but should never exceed either by more than 0.3V To achieve a
throughput rate of 1Msps VDRIVE must be greater than or equal to 4.75V
3
DVCC
Digital Supply Voltage, 4.75V to 5.25V. The DVCC and AVCC voltages should ideally be at the same potential.
For best performance it is recommended that DVCC and AVCC pins be shorted together, to ensure the voltage
difference between them never exceed 0.3 V even on a transient basis. This supply should be decoupled to
DGND. 10 µF and 100 nF decoupling capacitors should be placed on the DVCC pin.
4,5
RANGE0,
RANGE1
Analog Input Range Selection. Logic inputs. The polarity on these pins determines the input range of the
analog input channels. See Analog Inputs section and Table 7 for details
6
ADDR
Multiplexer Select. Logic input. This input is used to select the pair of channels to be simultaneously
converted, either Channel 1 of both ADC A and ADC B, or Channel 2 of both ADC A and ADCB. The logic
state on this pin is latched on the rising edge of BUSY to set up the multiplexer for the next conversion.
7,17
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7367. All analog input signals and
any external reference signal should be referred to this AGND voltage. Both AGND pins should connect to
the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential and
must not be more than 0.3 V apart, even on a transient basis.
8
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for the ADC cores. The AVCC and DVCC
voltages ideally should be at the same potential. For best performance it is recommended that DVCC and
AVCC pins be shorted together, to ensure the voltage difference between them never exceed 0.3 V even on a
transient basis. This supply should be decoupled to AGND. 10 µF and 100 nF decoupling capacitors should
be placed on the AVCC pins.
9,16
DCAPA,
DCAPB
Decoupling Capacitor Pins. Decoupling capacitors are connected to these pins to decouple the reference
buffer for each respective ADC. For best performance it is recommended to use 680nF decoupling capacitor
on these pins. Provided the output is buffered, the on-chip reference can be taken from these pins and


Similar Part No. - AD7367ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367ARUZ-REEL7 AD-AD7367ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

Similar Description - AD7367ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com