Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367BRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7367BRUZ
Description  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367BRUZ Datasheet(HTML) 4 Page - Analog Devices

  AD7367BRUZ Datasheet HTML 1Page - Analog Devices AD7367BRUZ Datasheet HTML 2Page - Analog Devices AD7367BRUZ Datasheet HTML 3Page - Analog Devices AD7367BRUZ Datasheet HTML 4Page - Analog Devices AD7367BRUZ Datasheet HTML 5Page - Analog Devices AD7367BRUZ Datasheet HTML 6Page - Analog Devices AD7367BRUZ Datasheet HTML 7Page - Analog Devices AD7367BRUZ Datasheet HTML 8Page - Analog Devices AD7367BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7367
Preliminary Technical Data
Rev. PrD | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test Conditions/
Comments
REFERENCE INPUT/OUTPUT
Reference Output Voltage4
2.5
2.5
V
±0.2% max @ 25°C
Reference Input Voltage Range
+2.5
3.0
V
DC Leakage Current
±1
µA
External reference applied to Pin
VREFA/Pin VREFB
Input Capacitance
25
pF
VREFA, VREFB Output Impedance
10
Reference Temperature Coefficient
10
20
ppm/°C
VREF Noise
20
µVRMS
LOGIC INPUTS
Input High Voltage, VINH
0.7× VDRIVE
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
5
pF typ
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±1
µA
Floating State Output Capacitance3
10
pF
CONVERSION RATE
Conversion Time
680
ns
Track/Hold Acquisition Time3
140
ns
Full-scale step input;
Throughput Rate
1
MSPS
For 4.75V≤VDRIVE≤5.25V, fSCLK = 48MHz
900
KSPS
For 2.7V≤VDRIVE<4.75V , fSCLK = 35MHz
POWER REQUIREMENTS
Digital I/Ps = 0 V or VDRIVE
VCC
4.75
5.25
V
See Table 6
VDD
+11.5
+16.5
V
See Table 6
VSS
-16.5
-11.5
V
See Table 6
VDRIVE
2.7
5.25
V
Normal Mode (Static)
IDD
250
µA
VDD = +16.5 V
ISS
50
µA
VSS = −16.5 V
ICC
1.8
mA
VCC = 5.5 V
Normal Mode (Operational)
fs = 1 MSPS
IDD
925
µA
VDD = +16.5 V
ISS
725
µA
VSS = −16.5 V
ICC
4
mA
VCC = 5.25 V, internal reference enabled
Shut-Down Mode
IDD
1
µA
VDD = +16.5 V
ISS
1
µA
VSS = −16.5 V
ICC
1
µA
VCC = 5.25 V
Power Dissipation
Normal Mode (Operational)
48.23
mW
VDD = +16.5V, VSS = −16.5V, VCC = 5.25V
Shut-Down
15
µW
VDD = +5V, VSS = −5V, VCC = 5V
Shut-Down
38.25
µW
VDD = +16.5V, VSS = −16.5V, VCC = 5.25
1 Temperature range is −40°C to +85°C
2 See Terminology section.
3 Sample tested during initial release to ensure compliance.
4 Refers to pins VREFA or VREFB.


Similar Part No. - AD7367BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367BRUZ AD-AD7367BRUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ AD-AD7367BRUZ Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367BRUZ-500RL7 AD-AD7367BRUZ-500RL7 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ-RL7 AD-AD7367BRUZ-RL7 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
More results

Similar Description - AD7367BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com