Electronic Components Datasheet Search |
|
AD7367-5BRUZ Datasheet(PDF) 6 Page - Analog Devices |
|
AD7367-5BRUZ Datasheet(HTML) 6 Page - Analog Devices |
6 / 16 page AD7367 Preliminary Technical Data Rev. PrD | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS Table 4 Parameter Rating VDD to AGND, DGND −0.3 V to +16.5 V VSS to AGND, DGND −0.3 V to +16.5 V VDRIVE to DGND −0.3 V to DVDD VDD to AVcc Vcc – 0.3V to +16.5V AVCC to AGND, DGND -0.3V to +7V DVCC to AVCC -0.3 V to + 0.3V DVCC to DGND -0.3 V to + 7V VDRIVE to AGND −0.3 V to DVCC AGND to DGND −0.3 V to +0.3 V Analog Input Voltage to AGND VSS −0.3 V to VDD + 0.3 V Digital Input Voltage to DGND −0.3 V to VDRIVE + 0.3 V Digital Output Voltage to GND −0.3 V to VDRIVE + 0.3 V VREFA, VREFB input to AGND −0.3 V to AVCC + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C TSSOP Package θJA Thermal Impedance 128°C/W θJC Thermal Impedance 42°C/W Pb-free Temperature, Soldering Reflow 260(+0)°C ESD TBD kV 1 Transient currents of up to 100 mA will not cause latch up. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - AD7367-5BRUZ |
|
Similar Description - AD7367-5BRUZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |