Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7641BCPZRL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7641BCPZRL
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BCPZRL Datasheet(HTML) 4 Page - Analog Devices

  AD7641BCPZRL Datasheet HTML 1Page - Analog Devices AD7641BCPZRL Datasheet HTML 2Page - Analog Devices AD7641BCPZRL Datasheet HTML 3Page - Analog Devices AD7641BCPZRL Datasheet HTML 4Page - Analog Devices AD7641BCPZRL Datasheet HTML 5Page - Analog Devices AD7641BCPZRL Datasheet HTML 6Page - Analog Devices AD7641BCPZRL Datasheet HTML 7Page - Analog Devices AD7641BCPZRL Datasheet HTML 8Page - Analog Devices AD7641BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD7631/AD7634
Preliminary Technical Data
Rev. PrC | Page 4 of 14
Parameter
Conditions
Min
Typ
Max
Unit
AC ACCURACY
Dynamic Range
VIN = ±5V, fIN = 2 kHz, -60dB
102.5
dB4
Signal-to-Noise
VIN = ±5V, fIN = 2 kHz
101
dB
Spurious-Free Dynamic Range
VIN = ±5V, fIN = 2 kHz
122
dB
Total Harmonic Distortion
VIN = ±5V, fIN = 2 kHz
-106
dB
Signal-to-(Noise + Distortion)
VIN = ±5V, fIN = 2 kHz
100
dB
–3 dB Input Bandwidth
12
MHz
SAMPLING DYNAMICS
Aperture Delay
1
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
115
ns
INTERNAL REFERENCE
PDREF = PDBUF = low
Output Voltage
REF @ 25°C
4.985
5.000
5.015
V
Temperature Drift
–40°C to +85°C
±7
ppm/°C
Line Regulation
AVDD = 5 V ± 5%
±15
ppm/V
Turn-On Settling Time
CREF = 10 μF
5
ms
REFERENCE BUFFER
PDREF = high
REFBUFIN Input Voltage Range
2.5
V
EXTERNAL REFERENCE
PDREF = PDBUF = high
Voltage Range
REF
5
AVDD+0.1
V
Current Drain
AD7634 @ 670 kSPS throughput
TBD
μA
Current Drain
AD7631 @ 250 kSPS throughput
TBD
μA
TEMPERATURE PIN
Voltage Output
TEMP @ 25°C
TBD
mV
Temperature Sensitivity
1
mV/°C
Output Resistance
4
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.6
V
VIH
2.1
OVDD+0.3
V
IIL
–1
+1
μA
IIH
–1
+1
μA
DIGITAL OUTPUTS
Data Format5
Pipeline Delay6
VOL
ISINK = 500 μA
0.4
V
VOH
ISOURCE = −500 μA
OVDD − 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
V
VCC
15
V
VEE
-15
V


Similar Part No. - AD7641BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7641BCPZRL AD-AD7641BCPZRL Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
More results

Similar Description - AD7641BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7634 AD-AD7634_17 Datasheet
677Kb / 33P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7610 AD-AD7610 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com