Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7641BCPZRL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7641BCPZRL
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BCPZRL Datasheet(HTML) 5 Page - Analog Devices

  AD7641BCPZRL Datasheet HTML 1Page - Analog Devices AD7641BCPZRL Datasheet HTML 2Page - Analog Devices AD7641BCPZRL Datasheet HTML 3Page - Analog Devices AD7641BCPZRL Datasheet HTML 4Page - Analog Devices AD7641BCPZRL Datasheet HTML 5Page - Analog Devices AD7641BCPZRL Datasheet HTML 6Page - Analog Devices AD7641BCPZRL Datasheet HTML 7Page - Analog Devices AD7641BCPZRL Datasheet HTML 8Page - Analog Devices AD7641BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Technical Data
AD7631/AD7634
Rev. PrC | Page 5 of 14
Parameter
Conditions
Min
Typ
Max
Unit
Operating Current7
PDREF = PDBUF = low
AVDD8
AD7631 @ 250kSPS throughput
8.5
mA
AD7634 @ 670kSPS throughput
21
mA
DVDD
AD7631 @ 250kSPS throughput
3.5
mA
AD7634 @ 670kSPS throughput
7
mA
OVDD
AD7631 @ 250kSPS throughput
0.1
mA
AD7634 @ 670kSPS throughput
0.2
mA
VCC
AD7631 @ 250kSPS throughput
1
mA
VEE
AD7631 @ 250kSPS throughput
0.6
mA
VCC
AD7634 @ 670kSPS throughput
2.8
mA
VEE
AD7634 @ 670kSPS throughput
2
mA
Power Dissipation
With Internal Reference7
AD7631 @ 250kSPS throughput
75
mW
With Internal Reference7
AD7634 @ 670kSPS throughput
190
Without Internal Reference
AD7631 @ 250kSPS throughput
62
mW
Without Internal Reference7
AD7634 @ 670kSPS throughput
160
mW
In Power-Down Mode9
PD = high
2
μW
TEMPERATURE RANGE10
Specified Performance
TMIN to TMAX
−40
+85
°C
1 The inputs are differential anti-phase. Refer to the Error! Reference source not found. section.
2 Linearity is tested using endnotes, not best fit.
3 LSB means least significant bit. With the 0 to 5V input range, 1 LSB 38.15μV.
4 All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full-scale, unless otherwise specified.
5 Parallel or serial 18-bit.
6 Conversion results are available immediately after completed conversion.
7 Tested in parallel reading mode.
8 With internal reference, PDREF and PDBUF are low; without internal reference, PDREF and PDBUF are high.
9 With all digital inputs forced to OVDD.
10Consult sales for extended temperature range.


Similar Part No. - AD7641BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7641BCPZRL AD-AD7641BCPZRL Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
More results

Similar Description - AD7641BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7634 AD-AD7634_17 Datasheet
677Kb / 33P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7610 AD-AD7610 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com