Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD4001 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NUD4001
Description  High Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD4001 Datasheet(HTML) 5 Page - ON Semiconductor

  NUD4001 Datasheet HTML 1Page - ON Semiconductor NUD4001 Datasheet HTML 2Page - ON Semiconductor NUD4001 Datasheet HTML 3Page - ON Semiconductor NUD4001 Datasheet HTML 4Page - ON Semiconductor NUD4001 Datasheet HTML 5Page - ON Semiconductor NUD4001 Datasheet HTML 6Page - ON Semiconductor NUD4001 Datasheet HTML 7Page - ON Semiconductor NUD4001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NUD4001
http://onsemi.com
5
TYPICAL APPLICATION CIRCUITS
Figure 7. Stop light automotive circuit using the NUD4001 device
to drive one high current LED (550 mA).
Vbat
13.5 Vdc
+
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
D1
1N4004
R1
2.7 W, 1/4 W
R2
32 W, 5.0 W
R4
32 W, 5.0 W
R3
2.7 W, 1/4 W
R3
6.7 W, 4.0 W
LED1
Luxeon
Emitter
550 mA
NUD4001
NUD4001
Q1
Q2
0
Figure 8. Dome light automotive circuit using the NUD4001 device
to drive one LED (220 mA).
Vbat
13.5 Vdc
+
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
D1
1N4004
R1
7.0 W, 1/4 W
R2
7.0 W, 1/4 W
R3
27 W, 2.0 W
LED1
Luxeon
Emitter
220 mA
NUD4001
NUD4001
Q1
Q2
0


Similar Part No. - NUD4001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
147Kb / 8P
   High Current LED Driver
November, 2011 ??Rev. 7
More results

Similar Description - NUD4001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVD4001DR2G ONSEMI-NSVD4001DR2G Datasheet
147Kb / 8P
   High Current LED Driver
November, 2011 ??Rev. 7
logo
Global Mixed-mode Techn...
G5991 GMT-G5991 Datasheet
99Kb / 1P
   High Current LED Driver
logo
Silicon Touch Technolog...
DD311 SITI-DD311_1 Datasheet
352Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER
DD311 SITI-DD311 Datasheet
416Kb / 15P
   HIGH CONSTANT CURRENT LED DRIVER
logo
ams AG
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
   1600mA High Current LED Flash Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com