Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IS62LV12816BLL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

Part No. IS62LV12816BLL
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

IS62LV12816BLL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
IS62LV12816BLL
ISSI®
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. B
03/07/01
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.3V
and Reference Level
Output Load
See Figures 1 and 2
AC TEST LOADS
3070
30 pF
Including
jig and
scope
3150
OUTPUT
3.0V
Figure 1
3070
5 pF
Including
jig and
scope
3150
OUTPUT
3.0V
Figure 2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn