Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G97GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G97GW
Description  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G97GW Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G97GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G97GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74AUP1G97 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74AUP1G97 provides configurable multiple functions. The output state is determined
by eight patterns of 3-bit input. The user can choose the logic functions MUX, AND, OR,
NAND, NOR, inverter and buffer. All inputs can be connected to VCC or GND.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
The inputs switch at different points for positive and negative-going signals. The difference
between the positive voltage VT+ and the negative voltage VT− is defined as the input
hysteresis voltage VH.
2.
Features
s Wide supply voltage range from 0.8 V to 3.6 V
s High noise immunity
s ESD protection:
x HBM JESD22-A114-D Class 3A exceeds 5000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101-C exceeds 1000 V
s Low static power consumption; ICC = 0.9 µA (maximum)
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G97
Low-power configurable multiple function gate
Rev. 01 — 7 November 2006
Product data sheet


Similar Part No. - 74AUP1G97GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G97GW NXP-74AUP1G97GW Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
74AUP1G97GW NXP-74AUP1G97GW Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Nexperia B.V. All right...
74AUP1G97GW NEXPERIA-74AUP1G97GW Datasheet
300Kb / 20P
   Low-power configurable multiple function gate
Rev. 13 - 9 May 2023
More results

Similar Description - 74AUP1G97GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com