Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G332GM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G332GM
Description  Single 3-input OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G332GM Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G332GM Datasheet HTML 1Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVC1G332 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
Schmitt trigger action at all inputs makes the circuit tolerant of slower input rise and fall
time.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74LVC1G332 provides one 3-input OR function.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8B/JESD36 (2.7 V to 3.6 V)
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I ESD protection:
N HBM JESD22-A114-D exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101-C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC1G332
Single 3-input OR gate
Rev. 01 — 11 October 2006
Product data sheet


Similar Part No. - 74LVC1G332GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G332GM NXP-74LVC1G332GM Datasheet
84Kb / 14P
   Single 3-input OR gate
Rev. 02-19 July 2007
logo
Nexperia B.V. All right...
74LVC1G332GM NEXPERIA-74LVC1G332GM Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
More results

Similar Description - 74LVC1G332GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G332 NEXPERIA-74LVC1G332 Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
logo
NXP Semiconductors
74LVC1G332 NXP-74LVC1G332 Datasheet
84Kb / 14P
   Single 3-input OR gate
Rev. 02-19 July 2007
logo
ON Semiconductor
NL17SZ332 ONSEMI-NL17SZ332 Datasheet
304Kb / 11P
   Single 3-Input OR Gate
September, 2020 ??Rev. 1
logo
Texas Instruments
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com