Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7907-40ATC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK7907-40ATC
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7907-40ATC Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK7907-40ATC Datasheet HTML 1Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 2Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 3Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 4Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 5Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
BUK71/7907-40ATC
TrenchPLUS standard level FET
Product data
Rev. 01 — 9 August 2002
4 of 16
9397 750 09874
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
4.
Thermal characteristics
4.1 Transient thermal impedance
Table 3:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Rth(j-a)
thermal resistance from junction to ambient
SOT263B
vertical in still air
-
60
-
K/W
SOT426
minimum footprint; mounted on a PCB
-
50
-
K/W
Rth(j-mb)
thermal resistance from junction to
mounting base
Figure 4
-
-
0.55 K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration.
03ni29
single shot
0.2
0.1
0.05
0.02
10-3
10-2
10-1
1
10-6
10-5
10-4
10-3
10-2
10-1
1
10
tp(s)
Z th(j-mb)
(K/W)
δ = 0.5
tp
tp
T
P
t
T
δ =


Similar Part No. - BUK7907-40ATC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
logo
NXP Semiconductors
BUK7907-40ATC PHILIPS-BUK7907-40ATC_15 Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results

Similar Description - BUK7907-40ATC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7105-40AIE PHILIPS-BUK7105-40AIE Datasheet
143Kb / 16P
   TrenchPLUS standard level FET
Rev. 04-6 February 2004
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com