Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMI16-1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KMI16-1
Description  Integrated rotational speed sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI16-1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMI16-1 Datasheet HTML 4Page - NXP Semiconductors KMI16-1 Datasheet HTML 5Page - NXP Semiconductors KMI16-1 Datasheet HTML 6Page - NXP Semiconductors KMI16-1 Datasheet HTML 7Page - NXP Semiconductors KMI16-1 Datasheet HTML 8Page - NXP Semiconductors KMI16-1 Datasheet HTML 9Page - NXP Semiconductors KMI16-1 Datasheet HTML 10Page - NXP Semiconductors KMI16-1 Datasheet HTML 11Page - NXP Semiconductors KMI16-1 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2000 Sep 05
9
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
PACKAGE OUTLINE
UNIT
bp
c
Q
L2
L1
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.7
1.4
0.8
0.7
bp1
1.57
1.47
5.7
5.5
4.1
3.9
0.3
0.24
1.2
0.9
3.9
3.5
M1
8.15
7.85
M2
8.15
7.85
M3
(1)
4.7
4.3
L
7.55
7.25
D(2)
D1
(2)
4.5
4.3
E(2)
5.7
5.5
4.6
4.4
E1
(2)
18.2
17.8
HE
5.6
5.5
HE1
K
max.
5.37
e
2.35
2.15
e1
0.25
0.75
0.65
DIMENSIONS (mm are the original dimensions)
SOT477B
99-09-23
00-08-31
0
2.5
5 mm
scale
A(1)
Plastic single-ended multi-chip package;
magnetized ferrite magnet (8 x 8 x 4.5 mm); 4 interconnections; 3 in-line leads
SOT477B
e
12
3
e1
E
E1
HE1
L1
D
L
bp1
D1
SENSOR DIE POSITION
*
centre of reading point
HE
M1
L2
bp
c
v M AB
Q
v M AB
A
K
M2
M3
B
A
Notes
1. Glue thickness not included.
2. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Similar Part No. - KMI16-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
More results

Similar Description - KMI16-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
   Integrated rotational speed sensor
1996 Dec 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI15 PHILIPS-KMI15 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com