Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9401FBD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC9401FBD
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9401FBD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC9401FBD Datasheet HTML 5Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 6Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 7Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 8Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 9Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 10Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 11Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 12Page - NXP Semiconductors P89LPC9401FBD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
P89LPC9401_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 September 2005
9 of 59
Philips Semiconductors
P89LPC9401
8-bit two-clock 80C51 microcontroller with 32 segment
× 4 LCD driver
P1.5/RST
11
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force ISP mode.
When using an oscillator frequency above 12 MHz, the reset input function of
P1.5 must be enabled. An external circuit is required to hold the device in reset at
power-up until VDD has reached its specified level. When system power is
removed VDD will fall below the minimum specified operating voltage. When
using an oscillator frequency above 12 MHz, in some applications, an external
brownout detect circuit may be required to hold the device in reset when VDD falls
below the minimum specified operating range.
P1.6
10
I/O
P1.6 — Port 1 bit 6.
P1.7
9
I/O
P1.7 — Port 1 bit 7.
P2.0 to P2.3,
P2.5
I/O
Port 2: Port 2 is an 5-bit I/O port with a user-configurable output type. During reset
Port 2 latches are configured in the input only mode with the internal pull-up disabled.
The operation of Port 2 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 7.13.1 “Port
configurations” and Table 11 “Static electrical characteristics” for details.
All pins have Schmitt trigger inputs.
Port 2 also provides various special functions as described below:
P2.0
6
I/O
P2.0 — Port 2 bit 0.
P2.1
7
I/O
P2.1 — Port 2 bit 1.
P2.2/MOSI
18
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output; when
configured as slave, this pin is input.
P2.3/MISO
19
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured as slave, this
pin is output.
P2.5/SPICLK
20
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when configured
as slave, this pin is input.
P3.0 to P3.1
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input only mode with the internal pull-up disabled.
The operation of Port 3 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 7.13.1 “Port
configurations” and Table 11 “Static electrical characteristics” for details.
All pins have Schmitt triggered inputs.
Port 3 also provides various special functions as described below:
P3.0/XTAL2/
CLKOUT
14
I/O
P3.0 — Port 3 bit 0.
O
XTAL2 — Output from the oscillator amplifier (when a crystal oscillator option is
selected via the flash configuration.
O
CLKOUT — CPU clock divided by 2 when enabled via SFR bit (ENCLK - TRIM.6). It
can be used if the CPU clock is the internal RC oscillator, watchdog oscillator or
external clock input, except when XTAL1/XTAL2 are used to generate clock source for
the RTC/system timer.
Table 3:
Pin description …continued
Symbol
Pin
Type Description


Similar Part No. - P89LPC9401FBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9402FBD NXP-P89LPC9402FBD Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9408 PHILIPS-P89LPC9408 Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
P89LPC9408FBD PHILIPS-P89LPC9408FBD Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
More results

Similar Description - P89LPC9401FBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC9402 NXP-P89LPC9402 Datasheet
312Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
Rev. 01-22 April 2009
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9351 NXP-P89LPC9351 Datasheet
341Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-19 November 2008
P89LPC9408 PHILIPS-P89LPC9408 Datasheet
326Kb / 69P
   8-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash, 32 segment x 4 LCD driver, 10-bit ADC
Rev. 01-16 December 2005
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
   8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC933 PHILIPS-P89LPC933 Datasheet
372Kb / 75P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
Rev. 06-20 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com