Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9516A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9516A
Description  5-channel I2C hub
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9516A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9516A Datasheet HTML 1Page - NXP Semiconductors PCA9516A Datasheet HTML 2Page - NXP Semiconductors PCA9516A Datasheet HTML 3Page - NXP Semiconductors PCA9516A Datasheet HTML 4Page - NXP Semiconductors PCA9516A Datasheet HTML 5Page - NXP Semiconductors PCA9516A Datasheet HTML 6Page - NXP Semiconductors PCA9516A Datasheet HTML 7Page - NXP Semiconductors PCA9516A Datasheet HTML 8Page - NXP Semiconductors PCA9516A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9516A
5-channel I2C hub
2
2004 Sep 29
DESCRIPTION
The PCA9516A is a CMOS integrated circuit intended for application
in I2C and SMBus systems.
While retaining all the operating modes and features of the I2C
system, it permits extension of the I2C-bus by buffering both the data
(SDA) and the clock (SCL) lines, thus enabling five buses of 400 pF.
The I2C-bus capacitance limit of 400 pF restricts the number of
devices and bus length. Using the PCA9516A enables the system
designer to divide the bus into five segments off of a hub where any
segment to segment transition sees only one repeater delay.
It can also be used to run different buses at 5 V and 3.3 V or
400 kHz and 100 kHz buses where the 100 kHz bus is isolated
when 400 kHz operation of the other bus is required.
Two or more PCA9516As cannot be put in series. The
PCA9516A design does not allow this configuration. Since there is
no direction pin, slightly different “legal” low voltage levels are used
to avoid lock-up conditions between the input and the output of each
repeater in the hub. A “regular LOW” applied at the input of a
PCA9516A will be propagated as a “buffered LOW” with a slightly
higher value on all the enabled outputs. When this “buffered LOW” is
applied to another PCA9515A, PCA9516A, or PCA9518 in series,
the second PCA9515A, PCA9516A, or PCA9518 will not recognize
it as a “regular LOW” and will not propagate it as a “buffered LOW”
again. The PCA9510/9511/9513/9514 and PCA9512 cannot be used
in series with the PCA9515A, PCA9516A, or PCA9518 but can be
used in series with themselves since they use shifting instead of
static offsets to avoid lock-up conditions.
FEATURES
5 channel, bi-directional buffer
I2C-bus and SMBus compatible
Active HIGH individual repeater enable input
Open-drain input/outputs
Lock-up free operation
Supports arbitration and clock stretching across the repeater
Accommodates standard mode and fast mode I2C devices and
multiple masters
Powered-off high impedance I2C pins
Operating supply voltage range of 2.3 V to 3.6 V
5.5 V tolerant I2C and enable pins
0 kHz to 400 kHz clock frequency1
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101.
Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA.
Package offerings: SO16 and TSSOP16
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
16-pin plastic SO
–40
°C to +85 °C
PCA9516AD
PCA9516AD
SOT109-1
16-pin plastic TSSOP
–40
°C to +85 °C
PCA9516APW
PA9516A
SOT403-1
Standard packing quantities and other packaging data is available at www.standardproducts.philips.com/packaging.
1.
The maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater.


Similar Part No. - PCA9516A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
PCA9516A NXP-PCA9516A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9516AD NXP-PCA9516AD Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
PCA9516APW NXP-PCA9516APW Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
More results

Similar Description - PCA9516A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
   5-channel I2C hub
2002 May 13
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
   Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
[Old version datasheet]   EXPANDABLE FIVE-CHANNEL I2C HUB
logo
SMSC Corporation
TMC2005-JT SMSC-TMC2005-JT Datasheet
395Kb / 32P
   ARCNET 5 Port HUB Controller
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
   5-port USB 2.0 Hub
logo
SparkFun Electronics
ROB-12449 SPARKFUN-ROB-12449 Datasheet
95Kb / 1P
   Clamping Hub - 5/16 Bore
2/4/2016
logo
SMSC Corporation
TMC2005 SMSC-TMC2005 Datasheet
153Kb / 32P
   5 Port HUB Controller Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com