Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9671BQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9671BQ
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9671BQ Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9671BQ Datasheet HTML 1Page - NXP Semiconductors PCA9671BQ Datasheet HTML 2Page - NXP Semiconductors PCA9671BQ Datasheet HTML 3Page - NXP Semiconductors PCA9671BQ Datasheet HTML 4Page - NXP Semiconductors PCA9671BQ Datasheet HTML 5Page - NXP Semiconductors PCA9671BQ Datasheet HTML 6Page - NXP Semiconductors PCA9671BQ Datasheet HTML 7Page - NXP Semiconductors PCA9671BQ Datasheet HTML 8Page - NXP Semiconductors PCA9671BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PCA9671_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 December 2006
5 of 34
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
6.2 Pin description
Fig 7.
Pin configuration for HVQFN24
Fig 8.
Pin configuration for DHVQFN24
002aac248
PCA9671BS
Transparent top view
P13
P04
P05
P14
P03
P15
P02
P16
P01
P17
P00
AD0
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
AD1
SDA
AD2
SCL
P00
AD0
P01
P17
P02
P16
P03
P15
P04
P14
P05
P13
P06
P12
P07
P11
002aac271
PCA9671BQ
Transparent top view
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
SO24, SSOP24, QSOP24,
TSSOP24, DHVQFN24
HVQFN24
RESET
1
22
reset input (active LOW)
AD1
2
23
address input 1
AD2
3
24
address input 2
P00
4
1
quasi-bidirectional I/O 00
P01
5
2
quasi-bidirectional I/O 01
P02
6
3
quasi-bidirectional I/O 02
P03
7
4
quasi-bidirectional I/O 03
P04
8
5
quasi-bidirectional I/O 04
P05
9
6
quasi-bidirectional I/O 05
P06
10
7
quasi-bidirectional I/O 06
P07
11
8
quasi-bidirectional I/O 07
VSS
12[1]
9[1]
supply ground
P10
13
10
quasi-bidirectional I/O 10
P11
14
11
quasi-bidirectional I/O 11
P12
15
12
quasi-bidirectional I/O 12
P13
16
13
quasi-bidirectional I/O 13
P14
17
14
quasi-bidirectional I/O 14
P15
18
15
quasi-bidirectional I/O 15
P16
19
16
quasi-bidirectional I/O 16
P17
20
17
quasi-bidirectional I/O 17


Similar Part No. - PCA9671BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671BQ NXP-PCA9671BQ Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671BQ NXP-PCA9671BQ Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
More results

Similar Description - PCA9671BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com