Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7796 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7796
Description  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7796 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7796 Datasheet HTML 4Page - Analog Devices AD7796 Datasheet HTML 5Page - Analog Devices AD7796 Datasheet HTML 6Page - Analog Devices AD7796 Datasheet HTML 7Page - Analog Devices AD7796 Datasheet HTML 8Page - Analog Devices AD7796 Datasheet HTML 9Page - Analog Devices AD7796 Datasheet HTML 10Page - Analog Devices AD7796 Datasheet HTML 11Page - Analog Devices AD7796 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7796/AD7797
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
2
3
4
5
6
7
8
CLK
CS
NC
NC
AIN(–)
AIN(+)
SCLK
NC
16
15
14
13
12
11
10
9
DOUT/RDY
DVDD
AVDD
REFIN(–)
REFIN(+)
NC
GND
DIN
TOP VIEW
(Not to Scale)
AD7796/
AD7797
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suitable for opto-isolated applications. The serial clock can be continuous
with all data transmitted in a constant train of pulses. Alternatively, it can be a noncontinuous clock with the
information being transmitted to or from the ADC in smaller batches of data.
2
CLK
Clock In/Clock Out. The internal clock can be made available at this pin. Alternatively, the internal clock can be
disabled, and the ADC can be driven by an external clock. This allows several ADCs to be driven from a common
clock, allowing simultaneous conversions to be performed.
3
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in
systems with more than one device on the serial bus or as a frame synchronization signal in communicating
with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and
DOUT used to interface with the device.
4
NC
No Connect.
5
AIN(+)
Analog Input. AIN(+) is the positive terminal of the differential analog input pair AIN(+)/AIN(−).
6
AIN(−)
Analog Input. AIN(−) is the negative terminal of the differential analog input pair AIN(+)/AIN(−).
7
NC
No Connect.
8
NC
No Connect.
9
REFIN(+)
Positive Reference Input/Analog Input. An external reference can be applied between REFIN(+) and REFIN(–).
REFIN(+) can lie anywhere between AVDD and GND + 0.1 V. The nominal reference voltage (REFIN(+) – REFIN(−)) is
2.5 V, but the parts function with a reference of 0.1 V to AVDD.
10
REFIN(−)
Negative Reference Input/Analog Input. REFIN(−) is the negative reference input for REFIN. This reference input
can lie anywhere between GND and AVDD − 0.1 V.
11
NC
No Connect.
12
GND
Ground Reference Point.
13
AVDD
Supply Voltage, 2.7 V to 5.25 V.
14
DVDD
Digital Interface Supply Voltage. The logic levels for the serial interface pins are related to this supply, which is
between 2.7 V and 5.25 V. The DVDD voltage is independent of the voltage on AVDD; therefore, AVDD can equal 5 V
with DVDD at 3 V or vice versa.
15
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. It functions as a serial data output pin
to access the output shift register of the ADC. The output shift register can contain data from any of the on-chip
data or control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate the completion
of a conversion. If the data is not read after the conversion, the pin goes high before the next update occurs.
The DOUT/RDY falling edge can be used as an interrupt to a processor, indicating that valid data is available.
With an external serial clock, the data can be read using the DOUT/RDY pin. With CS low, the data/control word
information is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge.
16
DIN
Serial Data Input. This serial data input accesses the input shift register on the ADC. Data in this shift register is
transferred to the control registers within the ADC; the register selection bits of the communication register
identify the appropriate register.


Similar Part No. - AD7796

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7796BRUZ AD-AD7796BRUZ Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7796BRUZ-REEL AD-AD7796BRUZ-REEL Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
More results

Similar Description - AD7796

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
   Sigma-Delta ADC for Bridge Sensors
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7191 AD-AD7191 Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com