Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6862 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEF6862
Description  Car Radio Enhanced Selectivity Tuner (CREST)
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6862 Datasheet(HTML) 3 Page - NXP Semiconductors

  TEF6862 Datasheet HTML 1Page - NXP Semiconductors TEF6862 Datasheet HTML 2Page - NXP Semiconductors TEF6862 Datasheet HTML 3Page - NXP Semiconductors TEF6862 Datasheet HTML 4Page - NXP Semiconductors TEF6862 Datasheet HTML 5Page - NXP Semiconductors TEF6862 Datasheet HTML 6Page - NXP Semiconductors TEF6862 Datasheet HTML 7Page - NXP Semiconductors TEF6862 Datasheet HTML 8Page - NXP Semiconductors TEF6862 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
TEF6862_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2006
3 of 65
Philips Semiconductors
TEF6862
Car Radio Enhanced Selectivity Tuner (CREST)
[1]
Based on 15 pF/60 pF dummy aerial, voltages at dummy aerial input, fmod = 400 Hz, 2.15 kHz audio bandwidth, fi(RF) = 990 kHz,
m = 0.3, unless otherwise specified.
[2]
Based on 75
Ω dummy aerial, voltages at dummy aerial input, f
mod = 1 kHz, de-emphasis = 50 µs, B = 300 Hz to 22 kHz, ∆f = 22.5 kHz,
unless otherwise specified.
4.
Ordering information
AM overall system parameters[1]
fi(RF)
RF input frequency
LW
144
-
288
kHz
MW
522
-
1710
kHz
SW
2.3
-
26.1
MHz
Vsens
sensitivity voltage
(S+N)/N = 26 dB
-
45
-
µV
(S+N)/N
signal plus noise-to-noise ratio
54
58
-
dB
THD
total harmonic distortion
200
µV<Vi(RF) < 1 V; m = 0.8
-
0.5
1
%
IP3
third-order intercept point
-
130
-
dB
µV
FM overall system parameters[2]
fi(RF)
RF input frequency
65
-
108
MHz
Vsens
sensitivity voltage
(S+N)/N = 26 dB
IF bandwidth wide
-
2
-
µV
IF bandwidth dynamic;
threshold extension off
-
1.8
-
µV
IF bandwidth dynamic;
threshold extension on
-
1.6
-
µV
(S+N)/N
signal plus noise-to-noise ratio Vi = 3 mV; IF bandwidth wide
-
63
-
dB
THD
total harmonic distortion
∆f = 75 kHz
-
0.2
0.7
%
IP3
third-order intercept point
-
123
-
dB
µV
Weatherband overall system parameters[2]; see Figure 27
fi(RF)
RF input frequency
162.4
-
162.55 MHz
(S+N)/N
signal plus noise-to-noise ratio
∆f = 1.5 kHz; Vi(RF) =10mV;
de-emphasis = 120
µs
-45
-
dB
THD
total harmonic distortion
∆f = 5 kHz
-
0.7
-
%
Table 1.
Quick reference data …continued
VCCA = 8.5 V; Tamb =25 °C; see Figure 25 and Figure 26; all AC values are given in RMS; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEF6862HL
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2


Similar Part No. - TEF6862

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6862 PHILIPS-TEF6862_15 Datasheet
1Mb / 65P
   Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
More results

Similar Description - TEF6862

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6862 PHILIPS-TEF6862_15 Datasheet
1Mb / 65P
   Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
   AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7540N STMICROELECTRONICS-TDA7540N Datasheet
1Mb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
STMicroelectronics
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
   AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
logo
Sanyo Semicon Device
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com