Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7938BSUZ-6REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7938BSUZ-6REEL7
Description  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BSUZ-6REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7938BSUZ-6REEL7 Datasheet HTML 1Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 2Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 3Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 4Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 5Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 6Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 7Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 8Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel, 625 kSPS, 12-Bit
Parallel ADCs with a Sequencer
AD7938-6
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 625 kSPS
Specified for VDD of 2.7 V to 5.25 V
Low power
3.6 mW max at 625 kSPS with 3 V supplies
7.5 mW max at 625 kSPS with 5 V supplies
8 analog input channels with a sequencer
Software configurable analog inputs
8-channel single-ended inputs
4-channel fully differential inputs
4-channel pseudo-differential inputs
7-channel pseudo-differential inputs
Accurate on-chip 2.5 V reference
±0.2% max @ 25°C, 25 ppm/°C max
70 dB SINAD at 50 kHz input frequency
No pipeline delays
High speed parallel interface—word/byte modes
Full shutdown mode: 2 µA max
32-lead LFCSP and TQFP package
FUNCTIONAL BLOCK DIAGRAM
VIN7
T/H
PARALLEL INTERFACE/CONTROL REGISTER
SEQUENCER
12-BIT
SAR ADC
AND
CONTROL
I/P
MUX
2.5V
VREF
DB0
DB11
VDRIVE
VDD
AD7938-6
VIN0
AGND
VREFIN/
VREFOUT
CLKIN
BUSY
CONVST
CS
DGND
RD WR W/B
Figure 1.
GENERAL DESCRIPTION
The AD7938-6 is a 12-bit high speed, low power, successive
approximation (SAR) ADC. The part operates from a single
2.7 V to 5.25 V power supply and features throughput rates up
to 625 kSPS. The part contains a low noise, wide bandwidth,
differential track-and-hold amplifier that can handle input
frequencies up to 50 MHz.
The AD7938-6 features eight analog input channels with a
channel sequencer that allows a preprogrammed selection of
channels to be converted sequentially. The part can operate
with either single-ended, fully differential, or pseudo-
differential analog inputs.
The conversion process and data acquisition are controlled
using standard control inputs that allow easy interfacing with
microprocessors and DSPs. The input signal is sampled on the
falling edge of CONVST and the conversion is also initiated at
this point.
The AD7938-6 has an accurate on-chip 2.5 V reference that
can be used as the reference source for the analog-to-digital
conversion. Alternatively, this pin can be overdriven to provide
an external reference.
The AD7938-6 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. The part also
features flexible power management options. An on-chip
control register allows the user to set up different operating
conditions, including analog input range and configuration,
output coding, power management, and channel sequencing.
PRODUCT HIGHLIGHTS
1.
High throughput with low power consumption.
2.
Eight analog inputs with a channel sequencer.
3.
Accurate on-chip 2.5 V reference.
4.
Software configurable analog inputs. Single-ended, pseudo-
differential, or fully differential analog inputs that are
software selectable.
5.
Single-supply operation with VDRIVE function. The VDRIVE
function allows the parallel interface to connect directly to
3 V, or 5 V processor systems independent of VDD.
6.
No pipeline delay.
7.
Accurate control of the sampling instant via a CONVST
input and once off conversion control.


Similar Part No. - AD7938BSUZ-6REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938BSUZ-6REEL7 AD-AD7938BSUZ-6REEL7 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
More results

Similar Description - AD7938BSUZ-6REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com