Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8128 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8128
Description  CAT-5 Receiver with Adjustable Line Equalization
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8128 Datasheet HTML 4Page - Analog Devices AD8128 Datasheet HTML 5Page - Analog Devices AD8128 Datasheet HTML 6Page - Analog Devices AD8128 Datasheet HTML 7Page - Analog Devices AD8128 Datasheet HTML 8Page - Analog Devices AD8128 Datasheet HTML 9Page - Analog Devices AD8128 Datasheet HTML 10Page - Analog Devices AD8128 Datasheet HTML 11Page - Analog Devices AD8128 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8128
Rev. 0 | Page 10 of 12
APPLICATIONS
KVM APPLICATIONS
In KVM applications, cable equalization typically occurs at the
root of the KVM network. In a star configuration, a driver is
located at each of the end nodes and a receiver/equalizer is
located at the single root node. In a daisy-chain configuration,
each of the end nodes are connected to one another, and one of
them is connected to the root. Similarly, the drivers are placed
on the nodes, and the receivers/equalizers are placed at the root.
In both of these aforementioned configurations, three AD8128
receiver/equalizers can be used at the root node to equalize the
transmitted red (R), green (G), and blue (B) channels for up to
100 meters of cable. Since the skew between two pairs of cables
in CAT-5 is less than 1%, the control pins can be tied together
and used as a single set of controls.
If the common-mode levels of the inputs permit using the
AD8128 as a receiver (see the Input Common-Mode Voltage
Range Considerations section), the input signal should be
terminated by a 100 Ω shunt resistor between the pairs, or by
two 50 Ω shunt resistors with a common-mode tap in the
middle. This CM tap can be used to extract the sync information
from the signal if sync-on-common-mode is used.
VOFFSET
VGAIN
VPEAK
VOUT
VIN+
VIN–
AD8128
HPF
HPF
LPF
VCM
50Ω
50Ω
VCM
VDIFF
VCM
VDIFF
CAT-5
Figure 18. Single Receiver Configuration for CAT-5 Equalizer
DC CONTROL PINS
The AD8128 uses two control pins (VGAIN and VPEAK) to adjust
the equalization based on the length of the cable and one pin
(VOFFSET) to adjust the dc output offset. VGAIN is a user-adjustable
0 V to 1 V broadband gain control pin, and VPEAK is a 0 V to 1 V
adjustable high frequency gain pin to equalize for the skin effect
in CAT-5 cable. The values of both VPEAK and VGAIN are linearly
correlated to the length of the cable to be equalized. A simple
formula can be used to approximate the desired values for both
of these pins.
425m/V
)
(m
length
V
GAIN =
(3)
110m/V
)
(m
length
V
PEAK =
(4)
While these equations give a close approximation of the desired
value for each pin, to achieve optimal performance, it may be
necessary to adjust these values slightly.
Figure 19 and Figure 20 illustrate circuits used to adjust the
control pins on the AD8128. In Figure 19, a 1 kΩ potentiometer
is used to adjust the control pin voltage between the specified
range of 0 V to 1 V. In Figure 20, a 2 kΩ potentiometer is used
to control the offset pin from −2.5 V to +2.5 V. For both of these
configurations, a ±5V supply is assumed.
CONTROL PIN
VGAIN OR VPEAK
0.01µF
+5V
4kΩ
1kΩ
Figure 19. Circuit to Control VGAIN and VPEAK (0 V to 1 V)
OFFSET
0.01µF
+5V
–5V
1kΩ
1kΩ
2kΩ
Figure 20. Circuit to Control VOFFSET (±2.5 V)


Similar Part No. - AD8128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128ACPZ-R2 AD-AD8128ACPZ-R2 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128ACPZ-R7 AD-AD8128ACPZ-R7 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128ACPZ-RL AD-AD8128ACPZ-RL Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
More results

Similar Description - AD8128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
   CAT-5 Receiver with Adjustable Line Equalization
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8123 AD-AD8123 Datasheet
734Kb / 16P
   Triple Differential Receiver with Adjustable Line Equalization
REV. 0
AD8124 AD-AD8124 Datasheet
324Kb / 16P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
   Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
logo
Level One
ADE-8011 LVL1-ADE-8011 Datasheet
207Kb / 2P
   Cat.5 Audio Transmitter/Receiver
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
   HDMI over Cat.5 Receiver, 300m
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
   Cat 5e / Cat 6 Receiver with HDMI connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com