Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8333 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8333
Description  DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8333 Datasheet(HTML) 4 Page - Analog Devices

  AD8333 Datasheet HTML 1Page - Analog Devices AD8333 Datasheet HTML 2Page - Analog Devices AD8333 Datasheet HTML 3Page - Analog Devices AD8333 Datasheet HTML 4Page - Analog Devices AD8333 Datasheet HTML 5Page - Analog Devices AD8333 Datasheet HTML 6Page - Analog Devices AD8333 Datasheet HTML 7Page - Analog Devices AD8333 Datasheet HTML 8Page - Analog Devices AD8333 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8333
Rev. A | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
PHASE ROTATION PERFORMANCE
One CH is reference, other is stepped
Phase Increment
16 phase steps per channel
22.5
Degrees
Quadrature Phase Error
I1 to Q1 and I2 to Q2, 1σ
−2
±0.1
+2
Degrees
I/Q Amplitude Imbalance
I1 to Q1 and I2 to Q2, 1σ
±0.05
dB
Channel-to-Channel Matching
Phase match I1/I2 and Q1/Q2; −40°C < TA < 85°C
±1
Degrees
Amplitude match I1/I2 and Q1/Q2; −40°C < TA < 85°C
±0.25
dB
LOGIC INTERFACES
Logic Level High
Pin PHxx, Pin RSET, and Pin ENBL
1.7
5
V
Logic Level Low
Pin PHxx, Pin RSET, and Pin ENBL
0
1.3
V
Bias Current
Pin PHxx and Pin ENBL
Logic high
10
40
90
μA
Logic low
−30
−7
+10
μA
Pin RSET
Logic high
50
120
180
μA
Logic low
−70
−20
0
μA
Input Resistance
Pin PHxx and Pin ENBL
60
Pin RSET
20
Reset Hold Time
Reset is asynchronous; clock disabled when RSET goes HI
until 300 ns after RSET goes LO
300
ns
Minimum Reset Pulse Width
300
ns
Reset Response Time
See Figure 35
300
ns
Phase Response Time
See Figure 38
5
μs
Enable Response Time
See Figure 34
300
ns
POWER SUPPLY
Pin VPOS and Pin VNEG
Supply Voltage
±4.5
±5
±6
V
Quiescent Current, All Phase Bits = 0
@25°C
Pin VPOS
38
44
51
mA
Pin VNEG
−24
−20
−16
mA
Over Temperature
−40°C < TA < 85°C
Pin VPOS, all phase bits = 0
40
54
mA
Pin VNEG
−24
−19
mA
Quiescent Power
Per channel, all phase bits = 0
170
mW
Per channel, any 0 or 1 combination of phase bits
190
mW
Disable Current
All channels disabled
Pin VPOS
1.0
1.25
1.5
mA
Pin VNEG
−300
−200
−100
μA
PSRR
Pin VPOS to Ix/Qx outputs (measured @ AD8021 output)
−81
dB
Pin VNEG to Ix/Qx outputs (measured @ AD8021 output)
−75
dB


Similar Part No. - AD8333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
More results

Similar Description - AD8333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8339 AD-AD8339_15 Datasheet
1Mb / 36P
   DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
REV. B
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com