Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8336 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8336
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336 Datasheet(HTML) 3 Page - Analog Devices

  AD8336 Datasheet HTML 1Page - Analog Devices AD8336 Datasheet HTML 2Page - Analog Devices AD8336 Datasheet HTML 3Page - Analog Devices AD8336 Datasheet HTML 4Page - Analog Devices AD8336 Datasheet HTML 5Page - Analog Devices AD8336 Datasheet HTML 6Page - Analog Devices AD8336 Datasheet HTML 7Page - Analog Devices AD8336 Datasheet HTML 8Page - Analog Devices AD8336 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8336
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = ±5 V, T = 25°C, gain range = −14 dB to +46 dB, preamp gain = 4×, f = 1 MHz, CL = 5 pF, RL = 500 Ω, PWRA = GND, unless
otherwise specified.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
PREAMPLIFIER
−3 dB Small Signal Bandwidth
VOUT = 10 mV p-p
150
MHz
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
85
MHz
Bias Current, Either Input
725
nA
Differential Offset Voltage
±600
μV
Input Resistance
900
kΩ
Input Capacitance
3
pF
PREAMPLIFIER + VGA
–3 dB Small Signal Bandwidth
VOUT = 10 mV p-p
115
MHz
VOUT = 10 mV p-p, PWRA = 5 V
40
MHz
VOUT = 10 mV p-p, PrA gain = 20×
20
MHz
VOUT = 10 mV p-p, PrA gain = –3×
125
MHz
–3 dB Large Signal Bandwidth
VOUT = 2 V p-p
80
MHz
VOUT = 2 V p-p, PWRA = 5 V
30
MHz
VOUT = 2 V p-p, PrA gain = 20×
20
MHz
VOUT = 2 V p-p, PrA gain = –3×
100
MHz
Slew Rate
VOUT = 2 V p-p
550
V/µs
Short-Circuit Preamp Input Voltage
Noise Spectral Density
±3 V ≤ VS ≤ ±12 V
3.0
nV/√Hz
Input Current Noise Spectral Density
3.0
pA/√Hz
Output Referred Noise
VGAIN = 0.7 V, PrA gain = 4×
600
nV/√Hz
VGAIN = –0.7 V, PrA gain = 4×
190
nV/√Hz
VGAIN = 0.7 V, PrA gain = 20×
2500
nV/√Hz
VGAIN = –0.7 V, PrA gain = 20×
200
nV/√Hz
VGAIN = 0.7 V, –55°C ≤ T ≤ +125°C
700
nV/√Hz
VGAIN = –0.7 V, –55°C ≤ T ≤ +125°C
250
nV/√Hz
DYNAMIC PERFORMANCE
Harmonic Distortion
VGAIN = 0 V, VOUT = 1 V p-p
HD2
f = 1 MHz
–58
dBc
HD3
f = 1 MHz
–68
dBc
HD2
f = 10 MHz
–60
dBc
HD3
f = 10 MHz
–60
dBc
Input 1 dB Compression Point
VGAIN = –0.7 V
11
dBm1
VGAIN = +0.7 V
–23
dBm
Two-Tone Intermodulation
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 0.95 MHz, f2 = 1.05 MHz
–71
dBc
Distortion (IMD3)
VGAIN = 0 V, VOUT = 1 V p-p, f1 = 9.95 MHz, f2 = 10.05 MHz
–69
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 0.95 MHz, f2 = 1.05 MHz
–60
dBc
VGAIN = 0 V, VOUT = 2 V p-p, f1 = 9.95 MHz, f2 = 10.05 MHz
–58
dBc
Output Third-Order Intercept
VGAIN = 0 V, VOUT = 1 V p-p, f = 1 MHz
34
dBm
VGAIN = 0 V, VOUT = 1 V p-p, f = 10 MHz
32
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 1 MHz
34
dBm
VGAIN = 0 V, VOUT = 2 V p-p, f = 10 MHz
33
dBm
Overdrive Recovery
VGAIN = 0.7 V, VIN = 100 mV p-p to 5 mV p-p
50
ns
Group Delay Variation
1 MHz < f < 10 MHz, full gain range
±1
ns
PrA Gain = 20 ×
1 MHz < f < 10 MHz, full gain range
±3
ns


Similar Part No. - AD8336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8336 AD-AD8336 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336-EVALZ AD-AD8336-EVALZ Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336ACPZ-R7 AD-AD8336ACPZ-R7 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336ACPZ-RL AD-AD8336ACPZ-RL Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336ACPZ-WP AD-AD8336ACPZ-WP Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
More results

Similar Description - AD8336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
logo
Linear Technology
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
logo
List of Unclassifed Man...
E05-X0 ETC1-E05-X0 Datasheet
55Kb / 1P
   5 Watt Wide Input DC to DC Converters
E05-11M1 ETC-E05-11M1 Datasheet
55Kb / 1P
   5 WATT WIDE INPUT DC TO DC CONVERTERS
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
[Old version datasheet]   Wide-Bandwidth, DC Restoration Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com