Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AD8538 Datasheet(HTML) 6 Page - Analog Devices

Part No. AD8538
Description  Low Power, Precision Auto-Zero Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD8538 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8538 Datasheet HTML 6Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
AD8538
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
V = 5 V or ±2.5 V, unless otherwise noted.
SY
700
0
100
200
300
400
500
600
25
45
65
85
105
125
TEMPERATURE (°C)
VSY = 5V AND 2.7V
450
0
–10.0
INPUT OFFSET VOLTAGE (µV)
50
100
150
200
250
300
350
400
VSY = 5V
0V < VCM < 5V
TA = 25°C
–8.4 –6.8 –5.2 –3.6 –2.0 –0.4 1.2 2.8 4.4 6.0 7.6 9.2
Figure 6. Input Bias Current vs. Temperature
Figure 3. Input Offset Voltage Distribution
14
0
00.09
TCVOS (µV/°C)
6
160
0
05
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
0.012 0.024 0.036 0.048 0.060 0.072 0.084
VSY =5V
–40°C < TA < +125°C
20
40
60
80
100
120
140
12
34
TA =25°C
Figure 7. Supply Current vs. Supply Voltage
Figure 4. Input Offset Voltage Drift Distribution
10
–10
05
INPUT COMMON-MODE VOLTAGE (V)
–8
–6
–4
–2
0
2
4
6
8
12
34
VSY =5V
TA =25°C
200
0
50
100
150
–40
10
60
110
TEMPERATURE (°C)
VSY =5V
VSY =2.7V
Figure 8. Supply Current vs. Temperature
Figure 5. Input Offset Voltage vs. Input Common-Mode Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn