Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9246 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9246
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9246 Datasheet HTML 3Page - Analog Devices AD9246 Datasheet HTML 4Page - Analog Devices AD9246 Datasheet HTML 5Page - Analog Devices AD9246 Datasheet HTML 6Page - Analog Devices AD9246 Datasheet HTML 7Page - Analog Devices AD9246 Datasheet HTML 8Page - Analog Devices AD9246 Datasheet HTML 9Page - Analog Devices AD9246 Datasheet HTML 10Page - Analog Devices AD9246 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9246
Rev. A | Page 7 of 44
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 2.5 V, unless otherwise noted.
Table 4.
AD9246BCPZ-80
AD9246BCPZ-105
AD9246BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate, DCS Enabled
Full
20
80
20
105
20
125
MSPS
Conversion Rate, DCS Disabled
Full
10
80
10
105
10
125
MSPS
CLK Period
Full
12.5
9.5
8
ns
CLK Pulse Width High, DCS Enabled
Full
3.75
6.25
8.75
2.85
4.75
6.65
2.4
4
5.6
ns
CLK Pulse Width High, DCS Disabled
Full
5.63
6.25
6.88
4.28
4.75
5.23
3.6
4
4.4
ns
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)2
Full
3.1
3.9
4.8
3.1
3.9
4.8
3.1
3.9
4.8
ns
DCO Propagation Delay (tDCO)
Full
4.4
4.4
4.4
ns
Setup Time (tS)
Full
4.9
5.7
3.4
4.3
2.6
3.5
ns
Hold Time (tH)
Full
5.9
6.8
4.4
5.3
3.7
4.5
ns
Pipeline Delay (Latency)
Full
12
12
12
cycles
Aperture Delay (tA)
Full
0.8
0.8
0.8
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
Wake-Up Time3
Full
350
350
350
μs
OUT-OF-RANGE RECOVERY TIME
Full
2
2
3
Cycles
SERIAL PORT INTERFACE4
SCLK Period (tCLK)
Full
40
40
40
ns
SCLK Pulse Width High Time (tHI)
Full
16
16
16
ns
SCLK Pulse Width Low Time (tLO)
Full
16
16
16
ns
SDIO to SCLK Setup Time (tDS)
Full
5
5
5
ns
SDIO to SCLK Hold Time (tDH)
Full
2
2
2
ns
CSB to SCLK Setup Time (tS)
Full
5
5
5
ns
CSB to SCLK Hold Time (tH)
Full
2
2
2
ns
1 See AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load.
3 Wake-up time is dependent on the value of the decoupling capacitors, values shown with 0.1 μF capacitor across REFT and REFB.
4 See Figure 57 and the Serial Port Interface (SPI) section.
TIMING DIAGRAM
CLK+
DCO
DATA
N
N+ 1
N+ 2
N+ 3
N+ 4
N+ 5
N+ 6
N+ 7
N+ 8
N – 12
N – 11
N – 10
N – 9
N – 8
N – 7
N – 6
N – 5
N – 4
N – 13
CLK–
tCLK
tPD
tS
tH
tDCO
tCLK
tA
Figure 2. Timing Diagram


Similar Part No. - AD9246

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9246-105EB AD-AD9246-105EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9246-105EB AD-AD9246-105EB Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9246-125EB AD-AD9246-125EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9246-125EB AD-AD9246-125EB Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9246

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com