Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9211-200EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9211-200EB
Description  10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211-200EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9211-200EB Datasheet HTML 3Page - Analog Devices AD9211-200EB Datasheet HTML 4Page - Analog Devices AD9211-200EB Datasheet HTML 5Page - Analog Devices AD9211-200EB Datasheet HTML 6Page - Analog Devices AD9211-200EB Datasheet HTML 7Page - Analog Devices AD9211-200EB Datasheet HTML 8Page - Analog Devices AD9211-200EB Datasheet HTML 9Page - Analog Devices AD9211-200EB Datasheet HTML 10Page - Analog Devices AD9211-200EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Preliminary Technical Data
AD9211
Rev. PrA | Page 7 of 21
ABSOLUTE MAXIMUM RATINGS1
Parameter
Rating
AVDD
2.0 V
DRVDD
2.0V
Analog Inputs
–0.5 V to AVDD + 0.5 V
Digital Inputs
–0.5 V to DRVDD + 0.5 V
REFIN Inputs
–0.5 V to AVDD + 0.5 V
Digital Output Current
20 mA
Operating Temperature
–40ºC to +125°C
Storage Temperature
–65ºC to +150°C
Maximum Junction
Temperature
150°C
Maximum Case Temperature
150°C
θJA 2
TBD°C/W
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions outside of those
indicated in the operation sections of this specification is not implied.
Exposure to absolute maximum ratings for extended periods may affect
device reliability.
2 Typical θJA = TBD C/W (heat slug soldered) for multilayer board in still air
with solid ground plane.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9211-200EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9211-200EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com