Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9211-200EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9211-200EB
Description  10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211-200EB Datasheet(HTML) 1 Page - Analog Devices

  AD9211-200EB Datasheet HTML 1Page - Analog Devices AD9211-200EB Datasheet HTML 2Page - Analog Devices AD9211-200EB Datasheet HTML 3Page - Analog Devices AD9211-200EB Datasheet HTML 4Page - Analog Devices AD9211-200EB Datasheet HTML 5Page - Analog Devices AD9211-200EB Datasheet HTML 6Page - Analog Devices AD9211-200EB Datasheet HTML 7Page - Analog Devices AD9211-200EB Datasheet HTML 8Page - Analog Devices AD9211-200EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
10-Bit, 170/200/250 MSPS
1.8 V A/D Converter
Preliminary Technical Data
AD9211
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 60 dBFs @ fIN up to 70 MHz @ 250 MSPS
ENOB of 9.7 @ fIN up to 70 MHz @ 250 MSPS (–0.5 dBFS)
SFDR = 80 dBc@ fIN up to 70 MHz @ 250 MSPS (–0.5 dBFS)
Excellent Linearity
DNL = ±0.3 LSB (Typical)
INL = ±0.5 LSB (Typical)
LVDS at 250 MSPS (ANSI-644 levels)
900 MHz Full Power Analog Bandwidth
On-Chip Reference and Track-and-Hold
Power Dissipation = 380 mW Typical @ 250 MSPS
1.25 V Input Voltage Range
1.8 V Analog Supply Operation
Output Data Format Option
Data Clock Output Provided
Clock Duty Cycle Stabilizer
APPLICATIONS
Wireless and Wired Broadband Communications
Cable Reverse Path
Communications Test Equipment
Radar and Satellite Subsystems
Power Amplifier Linearization
PRODUCT DESCRIPTION
The AD9211 is a 10-Bit monolithic sampling analog-to-digital
converter optimized for high performance, low power, and ease
of use. The product operates up to a 250 MSPS conversion rate
and is optimized for outstanding dynamic performance in
wideband carrier and broadband systems. All necessary
functions, including a track-and-hold (T/H) and voltage
reference, are included on the chip to provide a complete signal
conversion solution.
The ADC requires a 1.8 V analog voltage supply and a
differential clock for full performance operation. The digital
outputs are LVDS (ANSI-644) compatible and support either
twos complement, offset binary format or gray code. A data
clock output is available for proper output data timing.
10
Output
Staging -
LVDS
D9-D0
(D4-D0 DDR mode)
DCO-
DCO+
AVDD (1.8V)
DrVDD (1.8V)
OTR+
10
Ref
ADC
10-bit
Core
T/H
Clock
Mgmt
CLK+
CLK-
SCLK
CSB
DGND
(Pin 0)
AGND
VIN+
VIN-
SDIO
Serial Port
OTR-
RESET
AD9211
Figure 1. Functional Block Diagram
Fabricated on an advanced CMOS process, the AD9211 is
available in a 56-lead chip scale package (56 LFCSP) specified
over the industrial temperature range (–40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Performance—Maintains 60 dB SNR @ 250 MSPS
with a 65 MHz input.
2.
Low Power—Consumes only 380mW @ 250 MSPS.
3.
Ease of Use—LVDS output data and output clock signal
allow interface to current FPGA technology. The on-chip
reference and sample/hold provide flexibility in system
design. Use of a single 1.8 V supply simplifies system
power supply design. Supported DDR mode reduces
number of output data traces
4.
Serial Port Control - Standard serial port interface
supports various product functions such as data
formatting, enabling a clock duty cycle stabilizer, power
down, gain adjust and output test pattern generation.
5.
Pin compatible family – 12-bit pin compatible family
offered as AD9230.


Similar Part No. - AD9211-200EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9211-200EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
   10-Bit, 170 MSPS D/A Converter
REV. B
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com