Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9233BCPZ-80 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9233BCPZ-80
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233BCPZ-80 Datasheet(HTML) 1 Page - Analog Devices

  AD9233BCPZ-80 Datasheet HTML 1Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 2Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 3Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9233BCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
12-Bit, 80 MSPS/105 MSPS/125 MSPS,
1.8 V Analog-to-Digital Converter
AD9233
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog supply operation
1.8 V to 3.3 V output supply
SNR = 69.5 dBc (70.5 dBFS) to 70 MHz input
SFDR = 85 dBc to 70 MHz input
Low power: 395 mW @ 125 MSPS
Differential input with 650 MHz bandwidth
On-chip voltage reference and sample-and-hold amplifier
DNL = ±0.15 LSB
Flexible analog input: 1 V p-p to 2 V p-p range
Offset binary, Gray code, or twos complement data format
Clock duty cycle stabilizer
Data output clock
Serial port control
Built-in selectable digital test pattern generation
Programmable clock and data alignment
APPLICATIONS
Ultrasound equipment
IF sampling in communications receivers
IS-95, CDMA-One, IMT-2000
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
GENERAL DESCRIPTION
The AD9233 is a monolithic, single 1.8 V supply, 12-bit, 80 MSPS/
105 MSPS/125 MSPS analog-to-digital converter (ADC), featuring
a high performance sample-and-hold amplifier (SHA) and on-
chip voltage reference. The product uses a multistage differential
pipeline architecture with output error correction logic to
provide 12-bit accuracy at 125 MSPS data rates and guarantees
no missing codes over the full operating temperature range.
The wide bandwidth, truly differential SHA allows a variety of
user-selectable input ranges and offsets, including single-ended
applications. It is suitable for multiplexed systems that switch
full-scale voltage levels in successive channels and for sampling
single-channel inputs at frequencies well beyond the Nyquist rate.
Combined with power and cost savings over previously available
ADCs, the AD9233 is suitable for applications in communications,
imaging, and medical ultrasound.
A differential clock input controls all internal conversion cycles. A
duty cycle stabilizer (DCS) compensates for wide variations in the
clock duty cycle while maintaining excellent overall ADC
performance.
FUNCTIONAL BLOCK DIAGRAM
DRVDD
AVDD
AGND
0.5V
CLK–
PDWN DRGND
OR
VIN+
VIN–
REFT
REFB
AD9233
VREF
SENSE
SHA
A/D
MDAC1
4
8
13
3
A/D
8-STAGE
1 1/2-BIT PIPELINE
REF
SELECT
CLK+
CLOCK
DUTY CYCLE
STABILIZER
MODE
SELECT
CORRECTION LOGIC
OUTPUT BUFFERS
DCO
SCLK/DFS
SDIO/DCS
CSB
D11 (MSB)
D0 (LSB)
Figure 1.
The digital output data is presented in offset binary, Gray code, or
twos complement formats. A data output clock (DCO) is provided
to ensure proper latch timing with receiving logic.
The AD9233 is available in a 48-lead LFCSP and is specified
over the industrial temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
The AD9233 operates from a single 1.8 V power supply
and features a separate digital output driver supply to
accommodate 1.8 V to 3.3 V logic families.
2.
The patented SHA input maintains excellent performance
for input frequencies up to 225 MHz.
3.
The clock DCS maintains overall ADC performance over a
wide range of clock pulse widths.
4.
A standard serial port interface supports various product
features and functions, such as data formatting (offset
binary, twos complement, or Gray coding), enabling the
clock DCS, power-down, and voltage reference mode.
5.
The AD9233 is pin compatible with the AD9246, allowing
a simple migration from 12 bits to 14 bits.


Similar Part No. - AD9233BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233BCPZ-80 AD-AD9233BCPZ-80 Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9233BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com