Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


AD9481 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
AD9481
Rev. 0 | Page 5 of 28
AC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V; TMIN = −40°C, TMAX = +85°C, AIN = −1 dBFS, full scale = 1.0 V, internal reference, differential analog and
clock inputs, unless otherwise noted.
Table 3.
AD9481-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 19.7 MHz
25°C
V
46
dB
fIN = 70.1 MHz
25°C
I
44.5
45.7
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 19.7 MHz
25°C
V
45.9
dB
fIN = 70.1 MHz
25°C
I
44.4
45.7
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 19.7 MHz
25°C
V
7.5
Bits
fIN = 70.1 MHz
25°C
I
7.2
7.5
Bits
WORST SECOND OR THIRD HARMONIC DISTORTION
fIN = 19.7 MHz
25°C
V
−64.8
dBc
fIN = 70.1 MHz
25°C
I
−64.8
−54
dBc
WORST OTHER
fIN = 19.7 MHz
25°C
V
−68
dBc
fIN = 70.1 MHz
25°C
I
−65.8
−56
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)1
fIN = 19.7 MHz
25°C
V
−64.8
dBc
fIN = 70.1 MHz
25°C
I
−64.8
−54
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fIN1 = 69.3 MHz, fIN2 = 70.3 MHz
25°C
V
−64.9
dBc
1 DC and Nyquist bin energy ignored.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPT792012-BIT 10 MSPS TTL A/D CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD921110-Bit 170/200/250 MSPS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
AD9228Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
ADC08B3000High Performance Low Power 8-Bit 3 GSPS A/D Converter with 4K Buffer 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC082500High Performance Low Power 8-Bit 2.5 GSPS A/D Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
MC1650DUAL A/D CONVERTER 1 2 3 4 5 MoreMotorola, Inc
MP7690ACMOS PROGRAMMABLE INPUT RANGE 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreExar Corporation
MB40576ASSP 1 CHANNEL 6-BIT VIDEO A/D CONVERTER 1 2 3 4 5 MoreFujitsu Component Limited.
CS5501-APLow-Cost 16 & 20-Bit Measurement A/D Converter 1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl