Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


AD9704 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD9704
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 4 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 4 of 52
SPECIFICATIONS
DC SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
Table 1.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
12
10
8
Bits
DC ACCURACY1
Integral Nonlinearity (INL)
Precalibration
±1.4
±6.0
±0.41
±1.48
±0.10
±0.36
±0.03
±0.09
LSB
Integral Nonlinearity (INL)
Postcalibration
±0.9
±0.30
±0.10
LSB
Differential Nonlinearity (DNL)
Precalibration
±1.2
±4.4
±0.35
±1.17
±0.09
±0.31
±0.02
±0.08
LSB
Differential Nonlinearity (DNL)
Postcalibration
±0.4
±0.13
±0.03
LSB
ANALOG OUTPUT
Offset Error
−0.03
0
+0.03
−0.03
0
+0.03
−0.03
0
+0.03
−0.03
0
+0.03
% of FSR
Gain Error (With External
Reference)
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
% of FSR
Gain Error (With Internal
Reference)
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
−2.7
−0.1
+2.7
% of FSR
Full-Scale Output Current2
1
2
5
1
2
5
1
2
5
1
2
5
mA
Output Compliance Range
(From OTCM to IOUTA/IOUTB)
−0.8
+0.8
−0.8
+0.8
−0.8
+0.8
−0.8
+0.8
V
Output Resistance
200
200
200
200
Output Capacitance
5
5
5
5
pF
REFERENCE OUTPUT
Reference Voltage
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
V
Reference Output Current3
100
100
100
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
0.1
1.25
0.1
1.25
0.1
1.25
V
Reference Input Resistance
(Reference Powered Up)
10
10
10
10
Reference Input Resistance
(Reference Powered Down)
1
1
1
1
Small Signal Bandwidth
0.5
0.5
0.5
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
0
0
0
ppm of
FSR/°C
Gain Drift (Without Internal
Reference)
±29
±29
±29
±29
ppm of
FSR/°C
Gain Drift (With Internal
Reference)
±40
±40
±40
±40
ppm of
FSR/°C
Reference Voltage Drift
±25
±25
±25
±25
ppm/°C
POWER SUPPLY
Supply Voltages
AVDD
3.3
3.6
3.3
3.6
3.3
3.6
3.3
3.6
V
DVDD
3.3
3.6
3.3
3.6
3.3
3.6
3.3
3.6
V
CLKVDD
3.3
3.6
3.3
3.6
3.3
3.6
3.3
3.6
V
Analog Supply Current (IAVDD)
5.2
6.7
5.2
6.7
5.1
6.7
5.1
6.7
mA
Digital Supply Current (IDVDD)4
5.9
6.6
5.4
6.6
5.0
6.6
4.6
6.6
mA
Clock Supply Current (ICLKVDD)4
4.1
4.7
4.1
4.7
4.1
4.7
4.1
4.7
mA
Power Dissipation4
50.2
57
48.5
57
46.9
57
45.5
57
mW
Supply Current Sleep Mode
(IAVDD)
0.37
0.4
0.37
0.4
0.37
0.4
0.37
0.4
mA
Supply Current Power-Down
Mode (IAVDD)
0.7
7.5
0.7
7.5
0.7
0.7
7.5
μA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD798016-bit 1 MSPS PulSAR ADC in MSOP/QFN 1 2 3 4 5 MoreAnalog Devices
AD798218-bit 1 MSPS PulSAR ADC in MSOP/QFN 1 2 3 4 5 MoreAnalog Devices
AD964014-Bit 80/105/125/150 MSPS 1.8 V Dual Analog-to-Digital Converter 1 2 3 4 5 MoreAnalog Devices
SPT792012-BIT 10 MSPS TTL A/D CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD1525212-Bit 65 MSPS Dual ADC 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD73291 MSPS 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC 1 2 3 4 5 MoreAnalog Devices
Z8917500ZEMICEBOX FAMILY IN-CIRCUIT EMULATOR - 175 1 2 3 4 Zilog, Inc.
AD7829-13 V/5 V 2 MSPS 8-Bit 8-Channel ADC 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl