Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


AD9704 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD9704
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 6 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 6 of 52
DIGITAL SPECIFICATIONS (3.3 V)
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
Table 3.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS1
Logic 1 Voltage
2.1
3
2.1
3
2.1
3
2.1
3
V
Logic 0 Voltage
0
0.9
0
0.9
0
0.9
0
0.9
V
Logic 1 Current
−10
+10
−10
+10
−10
+10
−10
+10
μA
Logic 0 Current
10
10
10
10
μA
Input Capacitance
5
5
5
5
pF
Input Setup Time (tS)
1.3
1.3
1.3
1.3
ns
Input Hold Time (tH)
0.7
0.7
0.7
0.7
ns
Latch Pulsewidth (tLPW)
2.8
2.8
2.8
2.8
ns
CLK INPUTS2
Input Voltage Range
0
3
0
3
0
3
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
0.75
1.5
2.25
0.75
1.5
2.25
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
0.5
1.5
0.5
1.5
0.5
1.5
V
1 Includes CLK+ pin in single-ended clock input mode.
2 Applicable to CLK+ input and CLK– input when configured for differential clock input mode.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD798016-bit 1 MSPS PulSAR ADC in MSOP/QFN 1 2 3 4 5 MoreAnalog Devices
AD798218-bit 1 MSPS PulSAR ADC in MSOP/QFN 1 2 3 4 5 MoreAnalog Devices
AD964014-Bit 80/105/125/150 MSPS 1.8 V Dual Analog-to-Digital Converter 1 2 3 4 5 MoreAnalog Devices
SPT792012-BIT 10 MSPS TTL A/D CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD1525212-Bit 65 MSPS Dual ADC 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD73291 MSPS 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC 1 2 3 4 5 MoreAnalog Devices
Z8917500ZEMICEBOX FAMILY IN-CIRCUIT EMULATOR - 175 1 2 3 4 Zilog, Inc.
AD7829-13 V/5 V 2 MSPS 8-Bit 8-Channel ADC 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl