Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


AD9704 Datasheet(HTML) 3 Page - Analog Devices

Part No. AD9704
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD9704 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 3 of 52
GENERAL DESCRIPTION
The AD9704/AD9705/AD9706/AD9707 are the fourth-
generation family in the TxDAC series of high performance,
CMOS digital-to-analog converters (DACs). This pin-compatible,
8–/10–/12–/14–bit resolution family is optimized for low power
operation, while maintaining excellent dynamic performance.
The AD970x family is pin-compatible with the AD9748/AD9740/
AD9742/AD9744 family of TxDAC converters and is specifically
optimized for the transmit signal path of communication systems.
All of the devices share the same interface, LFCSP_VQ package,
and pinout, providing an upward or downward component
selection path based on performance, resolution, and cost.
The AD970x offers exceptional ac and dc performance, while
supporting update rates up to 175 MSPS.
The flexible power supply operating range of 1.7 V to 3.6 V and
low power dissipation of the AD970x parts make them well-suited
for portable and low power applications.
Power dissipation of the AD970x can be reduced to 15 mW, with
a small trade-off in performance, by lowering the full-scale
current output. In addition, a power-down mode reduces the
standby power dissipation to approximately 2.2 mW.
The AD970x has an optional serial peripheral interface (SPI) that
provides a higher level of programmability to enhance performance
of the DAC. An adjustable output, common-mode feature allows
for easy interfacing to other components that require common
modes greater than 0 V.
Edge-triggered input latches and a 1.0 V temperature-compensated
band gap reference have been integrated to provide a complete,
monolithic DAC solution. The digital inputs support 1.8 V and
3.3 V CMOS logic families.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn