Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9880 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9880
Description  Analog/HDMI Dual Display Interface
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9880 Datasheet(HTML) 1 Page - Analog Devices

  AD9880 Datasheet HTML 1Page - Analog Devices AD9880 Datasheet HTML 2Page - Analog Devices AD9880 Datasheet HTML 3Page - Analog Devices AD9880 Datasheet HTML 4Page - Analog Devices AD9880 Datasheet HTML 5Page - Analog Devices AD9880 Datasheet HTML 6Page - Analog Devices AD9880 Datasheet HTML 7Page - Analog Devices AD9880 Datasheet HTML 8Page - Analog Devices AD9880 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Analog/HDMI
Dual Display Interface
AD9880
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Analog/HDMI dual interface
Supports high bandwidth digital content protection
RGB-to-YCbCr 2-way color conversion
Automated clamping level adjustment
1.8 V/3.3 V power supply
100-lead LQFP Pb-free package
RGB and YCbCr output formats
Analog interface
8-bit triple ADC
100 MSPS maximum conversion rate
Macrovision® detection
2:1 input mux
Full sync processing
Sync detect for hot plugging
Midscale clamping
Digital video interface
HDMI v 1.1, DVI v 1.0
150 MHz HDMI receiver
Supports high bandwidth digital content protection
(HDCP 1.1)
Digital audio interface
HDMI 1.1-compatible audio interface
S/PDIF (IEC90658-compatible) digital audio output
Multichannel I2S audio output (up to 8 channels)
APPLICATIONS
Advanced TV
HDTV
Projectors
LCD monitor
GENERAL DESCRIPTION
The AD9880 offers designers the flexibility of an analog interface
and high definition multimedia interface (HDMI) receiver inte-
grated on a single chip. Also included is support for high band-
width digital content protection (HDCP).
Analog Interface
The AD9880 is a complete 8-bit 150 MSPS monolithic analog inter-
face optimized for capturing component video (YPbPr) and RGB
graphics signals. Its 150 MSPS encode rate capability and full power
analog bandwidth of 330 MHz supports all HDTV formats (up to
1080 p) and FPD resolutions up to SXGA (1280 × 1024 @ 75 Hz).
The analog interface includes a 150 MHz triple ADC with internal
1.25 V reference, a phase-locked loop (PLL), and programmable
gain, offset, and clamp control. The user provides only 1.8 V and
3.3 V power supplies, analog input, and Hsync. Three-state
FUNCTIONAL BLOCK DIAGRAM
DATACK
DE
VSYNC
SYNC
PROCESSING
AND
CLOCK
GENERATION
DATACK
2
REF
HSOUT
VSOUT
SOGOUT
HDMI RECEIVER
DIGITAL INTERFACE
REFOUT
REFIN
CLAMP
A/D
2:1
MUX
2:1
MUX
2:1
MUX
2:1
MUX
SPDIF OUT
8-CHANNEL
I2SOUT
2
MCLK
LRCLK
HDCP
2
DATACK
HSOUT
VSOUT
SOGOUT
DE
R/G/B 8X3
OR YCbCr
R/G/B 8X3
or YCbCr
YCbCr (4:2:2
OR 4:4:4)
AD9880
R/G/B OR YPbPrIN0
R/G/B OR YPbPrIN1
HSYNC 0
HSYNC 1
HSYNC 0
HSYNC 1
SOGIN 0
SOGIN 1
COAST
CKINV
CKEXT
FILT
SCL
SDA
RX1+
RX1–
RX2+
RX2–
RXC+
RXC–
RTERM
MCL
MDA
DDCSCL
DDCSDA
RX0+
RX0–
HSYNC
R/G/B 8X3
SERIAL REGISTER
AND
POWER MANAGEMENT
ANALOG INTERFACE
SCLK
4
Figure 1.
CMOS outputs can be powered from 1.8 V to 3.3 V. The
AD9880’s on-chip PLL generates a pixel clock from Hsync. Pixel
clock output frequencies range from 12 MHz to 150 MHz. PLL
clock jitter is typically less than 700 ps p-p at 150 MHz. The
AD9880 also offers full sync processing for composite sync and
sync-on-green (SOG) applications.
Digital Interface
The AD9880 contains a HDMI 1.1-compatible receiver and sup-
ports all HDTV formats (up to 1080 p and 720 p) and display
resolutions up to SXGA (1280 × 1024 @75 Hz). The receiver
features an intrapair skew tolerance of up to one full clock cycle.
With the inclusion of HDCP, displays can now receive encrypted
video content. The AD9880 allows for authentication of a video
receiver, decryption of encoded data at the receiver, and renewa-
bility of the authentication during transmission, as specified by the
HDCP v 1.1 protocol.
Fabricated in an advanced CMOS process, the AD9880 is provided
in a space-saving, 100-lead LQFP surface-mount Pb-free plastic
package and is specified over the 0°C to 70°C temperature range.


Similar Part No. - AD9880

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882/PCB AD-AD9882/PCB Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results

Similar Description - AD9880

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com